Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340 Datasheet(PDF) 109 Page - Texas Instruments

Part # TUSB7340
Description  TUSB73x0 USB 3.0 xHCI Host Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB7340 Datasheet(HTML) 109 Page - Texas Instruments

Back Button TUSB7340 Datasheet HTML 105Page - Texas Instruments TUSB7340 Datasheet HTML 106Page - Texas Instruments TUSB7340 Datasheet HTML 107Page - Texas Instruments TUSB7340 Datasheet HTML 108Page - Texas Instruments TUSB7340 Datasheet HTML 109Page - Texas Instruments TUSB7340 Datasheet HTML 110Page - Texas Instruments TUSB7340 Datasheet HTML 111Page - Texas Instruments TUSB7340 Datasheet HTML 112Page - Texas Instruments TUSB7340 Datasheet HTML 113Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 122 page
background image
Table 8-195. MSI-X Table and PBA Register Map (continued)
REGISTER NAME
OFFSET
Entry 2 Vector Control
002Ch
Entry 3 Message Address
0030h
Entry 3 Message Upper Address
0034h
Entry 3 Message Data
0038h
Entry 3 Vector Control
003Ch
Entry 4 Message Address
0040h
Entry 4 Message Upper Address
0044h
Entry 4 Message Data
0048h
Entry 4 Vector Control
004Ch
Entry 5 Message Address
0050h
Entry 5 Message Upper Address
0054h
Entry 5 Message Data
0058h
Entry 5 Vector Control
005Ch
Entry 6 Message Address
0060h
Entry 6 Message Upper Address
0064h
Entry 6 Message Data
0068h
Entry 6 Vector Control
006Ch
Entry 7 Message Address
0070h
Entry 7 Message Upper Address
0074h
Entry 7 Message Data
0078h
Entry 7 Vector Control
007Ch
Reserved
0080h-0FFFh
Pending Bits 7 through 0
1000h
Reserved
1001h-1FFFh
Refer to the PCI Local Bus Specification, Revision 3.0 for descriptions of these registers.
8.5 The MSI-X Table and PBA in Memory Mapped Register Space
Table 8-196. MSI-X Table and PBA Register Map
REGISTER NAME
OFFSET
Entry 0 Message Address
0000h
Entry 0 Message Upper Address
0004h
Entry 0 Message Data
0008h
Entry 0 Vector Control
000Ch
Entry 1 Message Address
0010h
Entry 1 Message Upper Address
0014h
Entry 1 Message Data
0018h
Entry 1 Vector Control
001Ch
Entry 2 Message Address
0020h
Entry 2 Message Upper Address
0024h
Entry 2 Message Data
0028h
Entry 2 Vector Control
002Ch
Entry 3 Message Address
0030h
Entry 3 Message Upper Address
0034h
Entry 3 Message Data
0038h
Entry 3 Vector Control
003Ch
www.ti.com
TUSB7320, TUSB7340
SLLSE76Q – MARCH 2011 – REVISED MARCH 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
109
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com