Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340 Datasheet(PDF) 112 Page - Texas Instruments

Part # TUSB7340
Description  TUSB73x0 USB 3.0 xHCI Host Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB7340 Datasheet(HTML) 112 Page - Texas Instruments

Back Button TUSB7340 Datasheet HTML 108Page - Texas Instruments TUSB7340 Datasheet HTML 109Page - Texas Instruments TUSB7340 Datasheet HTML 110Page - Texas Instruments TUSB7340 Datasheet HTML 111Page - Texas Instruments TUSB7340 Datasheet HTML 112Page - Texas Instruments TUSB7340 Datasheet HTML 113Page - Texas Instruments TUSB7340 Datasheet HTML 114Page - Texas Instruments TUSB7340 Datasheet HTML 115Page - Texas Instruments TUSB7340 Datasheet HTML 116Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 122 page
background image
9.4 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
9.5 Trademarks
Windows XP™ and Windows Vista™ are trademarks of Microsoft Corporation.
TI E2E™ is a trademark of Texas Instruments.
Microsoft® and Windows® are registered trademarks of Microsoft Corporation.
Linux® is a registered trademark of Linus Torvalds.
All trademarks are the property of their respective owners.
9.6 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
9.7 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
10 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision P (August 2023) to Revision Q (March 2024)
Page
• Added text "The recommended 1.1-V and 3.3-V power supply ramp time is greater than or equal to 1 ms
(measured from 0% to 100%)" to the Power-Up Sequence section ................................................................31
Changes from Revision O (August 2023) to Revision P (August 2023)
Page
• Updated the Reference Design 1 figure to correct the pin name for A4 and B8.............................................. 25
Changes from Revision N (August 2022) to Revision O (August 2023)
Page
• Updated the format of the Device Information table to include USB port count................................................. 1
• Updated the Power-Up Sequence figure to have VDD11 supply ramp after VDDA_3P3 and VDD33 ............31
Changes from Revision M (July 2015) to Revision N (August 2022)
Page
• Updated the Applications section....................................................................................................................... 1
• Updated the numbering format for tables, figures, and cross-references throughout the document................. 1
• Updated the data sheet to include inclusive terminology................................................................................... 1
• Change recommended VDD11 minimum to 1.045 V from 0.99 V...................................................................... 9
• Added the 1.1 V −5% / +10% supply is recommended footnote for VDD11.......................................................9
• Changed the pin name for B8 in the Reference Design 1 figure from: VDD11 to: NC .................................... 25
TUSB7320, TUSB7340
SLLSE76Q – MARCH 2011 – REVISED MARCH 2024
www.ti.com
112
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com