Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340 Datasheet(PDF) 116 Page - Texas Instruments

Part # TUSB7340
Description  TUSB73x0 USB 3.0 xHCI Host Controller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TUSB7340 Datasheet(HTML) 116 Page - Texas Instruments

Back Button TUSB7340 Datasheet HTML 112Page - Texas Instruments TUSB7340 Datasheet HTML 113Page - Texas Instruments TUSB7340 Datasheet HTML 114Page - Texas Instruments TUSB7340 Datasheet HTML 115Page - Texas Instruments TUSB7340 Datasheet HTML 116Page - Texas Instruments TUSB7340 Datasheet HTML 117Page - Texas Instruments TUSB7340 Datasheet HTML 118Page - Texas Instruments TUSB7340 Datasheet HTML 119Page - Texas Instruments TUSB7340 Datasheet HTML 120Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 122 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
18-Jun-2025
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TUSB7320IRKMR
WQFN-
MR
RKM
100
3000
330.0
16.4
9.3
9.3
1.1
12.0
16.0
Q2
TUSB7320IRKMT
WQFN-
MR
RKM
100
250
180.0
16.4
9.3
9.3
1.1
12.0
16.0
Q2
TUSB7320IRKMTG4
WQFN-
MR
RKM
100
250
180.0
16.4
9.3
9.3
1.1
12.0
16.0
Q2
TUSB7320RKMR
WQFN-
MR
RKM
100
3000
330.0
16.4
9.3
9.3
1.1
12.0
16.0
Q2
TUSB7320RKMT
WQFN-
MR
RKM
100
250
180.0
16.4
9.3
9.3
1.1
12.0
16.0
Q2
TUSB7340IRKMR
WQFN-
MR
RKM
100
3000
330.0
16.4
9.3
9.3
1.1
12.0
16.0
Q2
TUSB7340IRKMT
WQFN-
MR
RKM
100
250
180.0
16.4
9.3
9.3
1.1
12.0
16.0
Q2
TUSB7340IRKMTG4
WQFN-
MR
RKM
100
250
180.0
16.4
9.3
9.3
1.1
12.0
16.0
Q2
TUSB7340RKMR
WQFN-
MR
RKM
100
3000
330.0
16.4
9.3
9.3
1.1
12.0
16.0
Q2
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com