Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9983BHW/8/C1 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # TDA9983BHW/8/C1
Description  HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9983BHW/8/C1 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button TDA9983BHW/8/C1 Datasheet HTML 25Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 26Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 27Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 28Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 29Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 30Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 31Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 32Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 119 page
background image
TDA9983B_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 20 May 2008
29 of 119
NXP Semiconductors
TDA9983B
150 MHz pixel rate HDMI transmitter
9.3.1 Main control register
9.3.2 Interrupt flags/masks registers
Table 20.
VERSION register (address 00h) bit description
Legend: * = default value
Bit
Symbol
Access Value
Description
7 to 4
-
R
0110
TDA9983B device version
3 to 0
-
R
0010
die version
Table 21.
MAIN_CNTRL0 register (address 01h) bit description
Legend: * = default value
Bit
Symbol
Access Value
Description
7
SCALER
W
scaler
0*
HDMI video formatter uses vip-output (scaler is
bypassed)
1
HDMI video formatter uses scaler-output
6 to 5
x
W
00*
undefined
4
CEHS
W
I2C-bus enable high speed
0*
I2C_SDA and I2C_SCL set to Standard or Fast
mode
1
I2C_SDA and I2C_SCL set to High-speed mode
3
CECS
W
I2C-bus enable current source
0*
I2C_SCL pull-up current source disabled
1
I2C_SCL pull-up current source enabled
2
DEHS
W
DDC-bus enable high speed
0*
DDC_SDA and DDC_SCL set to Standard or
Fast mode
1
DDC_SDA and DDC_SCL set to High-speed
mode
1
DECS
W
DDC-bus enable current source
0*
DDC_SCL pull-up current source disabled
1
DDC_SCL pull-up current source enabled
0SR
W
soft reset
0*
no specific action
1
soft reset for all modules which do not use the
cclk clock domain
Table 22.
INT_FLAGS_0 register (address 0Fh) bit description
Legend: * = default value
Bit
Symbol
Access Value
Description
7 to 2
x
R/W
0000 00* undefined
1
HPD
R/W
HPD: transition on HPD input
0*
FALSE/INT_disabled
1
TRUE/INT_enabled
0
x
R/W
0*
undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com