Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9983BHW/8/C1 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # TDA9983BHW/8/C1
Description  HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9983BHW/8/C1 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button TDA9983BHW/8/C1 Datasheet HTML 36Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 37Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 38Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 39Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 40Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 41Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 42Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 43Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 119 page
background image
TDA9983B_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 20 May 2008
40 of 119
NXP Semiconductors
TDA9983B
150 MHz pixel rate HDMI transmitter
9.3.6 HDMI video formatter control registers
Table 43.
OFFSET registers (address CCh to CFh) bit description
Legend: * = default value
Address Register
Bit
Symbol
Access
Value Description
CCh
VBL_OFFSET_START
7 to 0
VBLOFF_START[7:0]
W
00h*
vertical blanking offset start:
vertical blanking offset at start
active window
CDh
VBL_OFFSET_END
7 to 0
VBLOFF_END[7:0]
W
00h*
vertical blanking offset end:
vertical blanking offset at end
active window
CEh
HBL_OFFSET_START
7 to 0
HBLOFF_START[7:0]
W
00h*
horizontal blanking offset start:
horizontal blanking offset at start
active window
CFh
HBL_OFFSET_END
7 to 0
HBLOFF_END[7:0]
W
00h*
horizontal blanking offset end:
horizontal blanking offset at end
active window
Table 44.
DWIN_xx_DE registers (address D0h and D1h) bit description
Legend: * = default value
Address Register
Bit
Symbol
Access Value
Description
D0h
DWIN_RE_DE
7 to 0
DWIN_RE_DE[7:0]
W
11h*
data window rising edge data
enable: data island window rising
edge offset with respect to data
enable
D1h
DWIN_FE_DE
7 to 0
DWIN_FE_DE[7:0]
W
7Ah*
data window falling edge data
enable: data island window falling
edge offset with respect to data
enable
Table 45.
HVF_CNTRL_0 register (address E4h) bit description
Legend: * = default value
Bit
Symbol
Access
Value
Description
7SM
W
service mode
0*
no specific action
1
service mode (color bar inserted in video path)
6
RWB
W
red, white, blue
0*
4-bar color bar (Red - White - Blue - Black)
1
8-bar color bar (White - Yellow - Magenta -
Red - Cyan - Green - Blue - Black)
5 to 4
x
W
00*
undefined
3 to 2
PREFIL[1:0]
W
prefilter
00*
no prefilter
01
[1 2 1]
10
[
−1 0 9 16 9 0 −1]
11
27 taps ITU601-compliant halfband filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com