Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9983BHW/8/C1 Datasheet(PDF) 43 Page - NXP Semiconductors

Part # TDA9983BHW/8/C1
Description  HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9983BHW/8/C1 Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button TDA9983BHW/8/C1 Datasheet HTML 39Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 40Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 41Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 42Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 43Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 44Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 45Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 46Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 119 page
background image
TDA9983B_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 20 May 2008
43 of 119
NXP Semiconductors
TDA9983B
150 MHz pixel rate HDMI transmitter
9.3.10 Current page address register
9.4 Scaler page register definitions
The current page address for the Scaler page is 01h.
The configuration of the registers for this page is given in Table 51.
F2h
TRAIL_OFF
7 to 4
x
W
0000*
undefined
3 to 0
TRAIL_OFFSET[3:0]
W
0010*
trailing offset: trailing offset for dwin (in
case rpt > 1)
F9h
GHOST_XADDR
7 to 1
GHOST_XADDR[6:0] W
0110
000*
ghost extended address
0
A0_ZERO
W
0*
-
FDh
AIP_CLKSEL
7 to 5
x
W
000*
undefined
4 to 3
SEL_AIP[1:0]
W
selection audio input
00*
S/PDIF
01
I2S-bus
1X
for internal use
2
SEL_POL_CLK
W
0*
select polarity clock: for internal use
1 to 0
SEL_FS[1:0]
W
select fs: CTS reference
00*
aclk
01
mclk
1X
fs_64 (S/PDIF)
FEh
GHOST_ADDR
7 to 1
GHOST_ADDR[6:0]
W
1010
000*
ghost address
0
GHOST_DIS
W
1*
-
Table 49.
Control registers (address F0h to F2h, F9h, FDh and FEh) bit description …continued
Legend: * = default value
Address
Register
Bit
Symbol
Access Value
Description
Table 50.
CURPAGE_ADR register (address FFh) bit description
Legend: * = default value
Bit
Symbol
Access
Value
Description
7 to 0
CURPAGE_ADR[7:0]
W
00h*
current page address: selects the
current memory page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com