Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9983BHW/8/C1 Datasheet(PDF) 95 Page - NXP Semiconductors

Part # TDA9983BHW/8/C1
Description  HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9983BHW/8/C1 Datasheet(HTML) 95 Page - NXP Semiconductors

Back Button TDA9983BHW/8/C1 Datasheet HTML 91Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 92Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 93Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 94Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 95Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 96Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 97Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 98Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 99Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 119 page
background image
TDA9983B_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 20 May 2008
95 of 119
NXP Semiconductors
TDA9983B
150 MHz pixel rate HDMI transmitter
audio content protection data byte 1
64h
ACP_PB1
7 to 6 ACP_PB_BYTE_1[7:6]
R/W
00*
ACP_TYPE = 2: DVD audio
Copy_Permission[1:0] =
audio_copy_permission parameter
ACP_TYPE = 3: super audio CD
CCI_1_b1[7:6]
5 to 3 ACP_PB_BYTE_1[5:3]
R/W
000*
ACP_TYPE = 2: DVD audio
Copy_Number[2:0] =
audio_copy_number parameter
ACP_TYPE = 3: super audio CD
CCI_1_b1[5:3]
2 to 1 ACP_PB_BYTE_1[2:1]
R/W
00*
ACP_TYPE = 2: DVD audio
Quality[1:0] = audio_quality parameter
ACP_TYPE = 3: super audio CD
CCI_1_b1[2:1]
0
ACP_PB_BYTE_1[0]
R/W
0*
ACP_TYPE = 2: DVD audio
Transaction = audio_transaction
parameter
ACP_TYPE = 3: super audio CD
CCI_1_b1[0]
65h
ACP_PB2
7 to 0 ACP_PB_BYTE_2[7:0]
R/W
00h*
audio content protection data byte 2
ACP_TYPE = 2: DVD audio
reserved (0)
ACP_TYPE = 3: super audio CD
CCI_1_b2[7:0]
66h
ACP_PB3
7 to 0 ACP_PB_BYTE_3[7:0]
R/W
00h*
audio content protection data byte 3
ACP_TYPE = 2: DVD audio
reserved (0)
ACP_TYPE = 3: super audio CD
CCI_1_b3[7:0]
67h
ACP_PB4
7 to 0 ACP_PB_BYTE_4[7:0]
R/W
00h*
audio content protection data byte 4
ACP_TYPE = 2: DVD audio
reserved (0)
ACP_TYPE = 3: super audio CD
CCI_1_b4[7:0]
68h
ACP_PB5
7 to 0 ACP_PB_BYTE_5[7:0]
R/W
00h*
audio content protection data byte 5
ACP_TYPE = 2: DVD audio
reserved (0)
ACP_TYPE = 3: super audio CD
CCI_1_b5[7:0]
Table 105. ACP packet registers (address 60h to 7Eh) bit description …continued
Legend: * = default value
Address Register
Bit
Symbol
Access
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com