Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9983BHW/8/C1 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # TDA9983BHW/8/C1
Description  HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9983BHW/8/C1 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button TDA9983BHW/8/C1 Datasheet HTML 42Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 43Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 44Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 45Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 46Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 47Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 48Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 49Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 119 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx
xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
SC_VS_LUT_36
3Fh
W
VS_LUT36[7:0]
XXXX XXXX
SC_VS_LUT_37
40h
W
VS_LUT37[7:0]
XXXX XXXX
SC_VS_LUT_38
41h
W
VS_LUT38[7:0]
XXXX XXXX
SC_VS_LUT_39
42h
W
VS_LUT39[7:0]
XXXX XXXX
SC_VS_LUT_40
43h
W
VS_LUT40[7:0]
XXXX XXXX
SC_VS_LUT_41
44h
W
VS_LUT41[7:0]
XXXX XXXX
SC_VS_LUT_42
45h
W
VS_LUT42[7:0]
XXXX XXXX
SC_VS_LUT_43
46h
W
VS_LUT43[7:0]
XXXX XXXX
SC_VS_LUT_44
47h
W
VS_LUT44[7:0]
XXXX XXXX
Not used
48h
-
-
0000 0000
::
:
:
:
Not used
9Fh
-
-
0000 0000
VIDFORMAT
A0h
W
x
xxxx
VIDFORMAT[2:0]
0000 0000
REFPIX_MSB
A1h
W
x
xxxxx
PRESET_PIX[9:8]
0000 0000
REFPIX_LSB
A2h
W
PRESET_PIX[7:0]
0000 0001
REFLINE_MSB
A3h
W
x
xxxxx
PRESET_LINE[9:8]
0000 0000
REFLINE_LSB
A4h
W
PRESET_LINE[7:0]
0000 0001
NPIX_MSB
A5h
W
x
xxxxx
NPIX[9:8]
0000 0000
NPIX_LSB
A6h
W
NPIX[7:0]
0000 0000
NLINE_MSB
A7h
W
x
xxxxx
NLINE[9:8]
0000 0000
NLINE_LSB
A8h
W
NLINE[7:0]
0000 0000
Not used
A9h
-
-
0000 0000
::
:
:
:
Not used
BCh
-
-
0000 0000
VWIN_START_1_MSB
BDh
W
x
xxxxx
VWIN_START_1[9:8]
0000 0000
VWIN_START_1_LSB
BEh
W
VWIN_START_1[7:0]
0000 0000
VWIN_END_1_MSB
BFh
W
x
xxxxx
VWIN_END_1[9:8]
0000 0000
VWIN_END_1_LSB
C0h
W
VWIN_END_1[7:0]
0000 0000
VWIN_START_2_MSB
C1h
W
x
xxxxx
VWIN_START_2[9:8]
0000 0000
VWIN_START_2_LSB
C2h
W
VWIN_START_2[7:0]
0000 0000
VWIN_END_2_MSB
C3h
W
x
xxxxx
VWIN_END_2[9:8]
0000 0000
VWIN_END_2_LSB
C4h
W
VWIN_END_2[7:0]
0000 0000
Table 51.
I2C-bus registers of memory page 01h[1] …continued
Register
Sub
addr
R/W
Bit
Default
value
7 (MSB)
6
5
4
3
2
1
0 (LSB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com