Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9983BHW/8/C1 Datasheet(PDF) 80 Page - NXP Semiconductors

Part # TDA9983BHW/8/C1
Description  HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9983BHW/8/C1 Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button TDA9983BHW/8/C1 Datasheet HTML 76Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 77Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 78Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 79Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 80Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 81Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 82Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 83Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 119 page
background image
TDA9983B_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 20 May 2008
80 of 119
NXP Semiconductors
TDA9983B
150 MHz pixel rate HDMI transmitter
A8h
MPS_IF_BYTE5
7 to 5 reserved
R/W
000*
reserved
4
MPS_IF_FR0
R/W
MPEG source InfoFrame field
repeat 0: for 3 : 2 pull-down
0*
new field (picture)
1
repeated field
3 to 2 reserved
R/W
00*
reserved
1 to 0 MPS_IF_MF[1:0]
R/W
MPEG source InfoFrame MPEG
frame: MPEG frame
00*
unknown (no data)
01
I picture
10
B picture
11
P picture
MPEG source InfoFrame byte x:
x = 6 to 27
A9h
MPS_IF_BYTE6
7 to 0 MPS_IF_BYTE6[7:0]
R/W
00h*
byte 6: reserved (shall be zero)
AAh
MPS_IF_BYTE7
6 to 0 MPS_IF_BYTE7[7:0]
R/W
000 0000*
byte 7: reserved (shall be zero)
ABh
MPS_IF_BYTE8
6 to 0 MPS_IF_BYTE8[7:0]
R/W
000 0000*
byte 8: reserved (shall be zero)
ACh
MPS_IF_BYTE9
6 to 0 MPS_IF_BYTE9[7:0]
R/W
000 0000*
byte 9: reserved (shall be zero)
ADh
MPS_IF_BYTE10
7 to 0 MPS_IF_BYTE10[7:0]
R/W
00h*
byte 10: reserved (shall be zero)
AEh
MPS_IF_BYTE11
7 to 0 MPS_IF_BYTE11[7:0]
R/W
00h*
byte 11: reserved
AFh
MPS_IF_BYTE12
7 to 0 MPS_IF_BYTE12[7:0]
R/W
00h*
byte 12: reserved
B0h
MPS_IF_BYTE13
7 to 0 MPS_IF_BYTE13[7:0]
R/W
00h*
byte 13: reserved
B1h
MPS_IF_BYTE14
7 to 0 MPS_IF_BYTE14[7:0]
R/W
00h*
byte 14: reserved
B2h
MPS_IF_BYTE15
7 to 0 MPS_IF_BYTE15[7:0]
R/W
00h*
byte 15: reserved
B3h
MPS_IF_BYTE16
7 to 0 MPS_IF_BYTE16[7:0]
R/W
00h*
byte 16: reserved
B4h
MPS_IF_BYTE17
7 to 0 MPS_IF_BYTE17[7:0]
R/W
00h*
byte 17: reserved
B5h
MPS_IF_BYTE18
7 to 0 MPS_IF_BYTE18[7:0]
R/W
00h*
byte 18: reserved
B6h
MPS_IF_BYTE19
7 to 0 MPS_IF_BYTE19[7:0]
R/W
00h*
byte 19: reserved
B7h
MPS_IF_BYTE20
7 to 0 MPS_IF_BYTE20[7:0]
R/W
00h*
byte 20: reserved
B8h
MPS_IF_BYTE21
7 to 0 MPS_IF_BYTE21[7:0]
R/W
00h*
byte 21: reserved
B9h
MPS_IF_BYTE22
7 to 0 MPS_IF_BYTE22[7:0]
R/W
00h*
byte 22: reserved
BAh
MPS_IF_BYTE23
7 to 0 MPS_IF_BYTE23[7:0]
R/W
00h*
byte 23: reserved
BBh
MPS_IF_BYTE24
7 to 0 MPS_IF_BYTE24[7:0]
R/W
00h*
byte 24: reserved
BCh
MPS_IF_BYTE25
7 to 0 MPS_IF_BYTE25[7:0]
R/W
00h*
byte 25: reserved
BDh
MPS_IF_BYTE26
7 to 0 MPS_IF_BYTE26[7:0]
R/W
00h*
byte 26: reserved
BEh
MPS_IF_BYTE27
7 to 0 MPS_IF_BYTE27[7:0]
R/W
00h*
byte 27: reserved
Table 88.
MPS_IF_xx registers (address A0h to BEh) bit description …continued
Legend: * = default value
Address Register
Bit
Symbol
Access
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com