Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9983BHW/8/C1 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # TDA9983BHW/8/C1
Description  HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9983BHW/8/C1 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button TDA9983BHW/8/C1 Datasheet HTML 45Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 46Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 47Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 48Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 49Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 50Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 51Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 52Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 119 page
background image
TDA9983B_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 20 May 2008
49 of 119
NXP Semiconductors
TDA9983B
150 MHz pixel rate HDMI transmitter
Table 54.
SC_x_PHASE_x registers (address 02h to 04h) bit description
Legend: * = default value
Address
Register
Bit
Symbol
Access Value
Description
02h
SC_DELTA_PHASE_V
7
x
W
0*
undefined
6 to 0
DELTA_PHASE_V[6:0]
W
001 1110*
delta phase vertical
03h
SC_DELTA_PHASE_H
7 to 5
x
W
000*
undefined
4 to 0
DELTA_PHASE_H[4:0]
W
1 0000*
delta phase horizontal
04h
SC_START_PHASE_H
7 to 4
x
W
0000*
undefined
3 to 0
START_PHASE_H[3:0]
W
0000*
start phase horizontal
Table 55.
SC_NPIX_xx registers (address 05h to 08h) bit description
Legend: * = default value
Address
Register
Bit
Symbol
Access Value
Description
06h
SC_NPIX_IN_MSB
7 to 2
x
W
0000 00*
undefined
1 to 0
NPIX_IN[9:8]
W
10*
number of input pixels
05h
SC_NPIX_IN_LSB
7 to 0
NPIX_IN[7:0]
W
D0h*
08h
SC_NPIX_OUT_MSB
7 to 3
x
W
0000 0*
undefined
2 to 0
NPIX_OUT[10:8]
W
010*
number of output pixels
07h
SC_NPIX_OUT_LSB
7 to 0
NPIX_OUT[7:0]
W
D0h*
Table 56.
SC_NLINE_xx registers (address 09h to 0Dh) bit description
Legend: * = default value
Address
Register
Bit
Symbol
Access Value
Description
0Ah
SC_NLINE_IN_MSB
7 to 2
x
W
0000 00*
undefined
1 to 0
NLINE_IN[9:8]
W
10*
number of input lines
09h
SC_NLINE_IN_LSB
7 to 0
NLINE_IN[7:0]
W
40h*
0Ch
SC_NLINE_OUT_MSB
7 to 2
x
W
0000 00*
undefined
1 to 0
NLINE_OUT[9:8]
W
10*
number of output lines
0Bh
SC_NLINE_OUT_LSB
7 to 0
NLINE_OUT[7:0]
W
40h*
0Dh
SC_NLINE_SKIP
7 to 3
x
W
0000 0*
undefined
2 to 0
NLINE_SKIP[2:0]
W
000*
number of output lines
skipped: by vertical
scaler
Table 57.
SC_x_BUFFILL_xx registers (address 0Eh to 12h) bit description
Legend: * = default value
Address
Register
Bit
Symbol
Access Value Description
0Eh
SC_SAMPLE_BUFFILL
7 to 0
SAMPLE_BUFFILL_
COMMAND[7:0]
R-
sample buffer filling
command: when this address
is read the BUFFILL values are
sampled
10h
SC_MAX_BUFFILL_P_1
7 to 4
x
R
-
undefined
3 to 0
MAX_BUFFILL_P[11:8]
R
-
max buffer filling primary:
filling primary video buffer
0Fh
SC_MAX_BUFFILL_P_0
7 to 0
MAX_BUFFILL_P[7:0]
R
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com