Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9983BHW/8/C1 Datasheet(PDF) 83 Page - NXP Semiconductors

Part # TDA9983BHW/8/C1
Description  HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9983BHW/8/C1 Datasheet(HTML) 83 Page - NXP Semiconductors

Back Button TDA9983BHW/8/C1 Datasheet HTML 79Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 80Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 81Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 82Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 83Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 84Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 85Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 86Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 87Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 119 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx
xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
CH_STAT_B_2_AP3_R
1Fh
R/W
CH_STAT_BYTE_2_AP3_R[7:0]
0000 0000
ISRC1_PACKET_TYPE
20h
R/W
ISRC1_PACKET_TYPE[7:0]
0000 0101
ISRC1_CTRL
21h
R/W
ISRC_
CONT
ISRC_
VALID
ISRC1_RSVD[5:3]
ISRC_STATUS[2:0]
0000 0000
ISRC1_RSVD
22h
R/W
ISRC1_RSVD[7:0]
0000 0000
UPC_EAN_ISRC_0
23h
R/W
UPC_EAN_ISRC_0[7:0]
0000 0000
UPC_EAN_ISRC_1
24h
R/W
UPC_EAN_ISRC_1[7:0]
0000 0000
UPC_EAN_ISRC_2
25h
R/W
UPC_EAN_ISRC_2[7:0]
0000 0000
UPC_EAN_ISRC_3
26h
R/W
UPC_EAN_ISRC_3[7:0]
0000 0000
UPC_EAN_ISRC_4
27h
R/W
UPC_EAN_ISRC_4[7:0]
0000 0000
UPC_EAN_ISRC_5
28h
R/W
UPC_EAN_ISRC_5[7:0]
0000 0000
UPC_EAN_ISRC_6
29h
R/W
UPC_EAN_ISRC_6[7:0]
0000 0000
UPC_EAN_ISRC_7
2Ah
R/W
UPC_EAN_ISRC_7[7:0]
0000 0000
UPC_EAN_ISRC_8
2Bh
R/W
UPC_EAN_ISRC_8[7:0]
0000 0000
UPC_EAN_ISRC_9
2Ch
R/W
UPC_EAN_ISRC_9[7:0]
0000 0000
UPC_EAN_ISRC_10
2Dh
R/W
UPC_EAN_ISRC_10[7:0]
0000 0000
UPC_EAN_ISRC_11
2Eh
R/W
UPC_EAN_ISRC_11[7:0]
0000 0000
UPC_EAN_ISRC_12
2Fh
R/W
UPC_EAN_ISRC_12[7:0]
0000 0000
UPC_EAN_ISRC_13
30h
R/W
UPC_EAN_ISRC_13[7:0]
0000 0000
UPC_EAN_ISRC_14
31h
R/W
UPC_EAN_ISRC_14[7:0]
0000 0000
UPC_EAN_ISRC_15
32h
R/W
UPC_EAN_ISRC_15[7:0]
0000 0000
ISRC1_PB16
33h
R/W
ISRC1_PB_BYTE_16[7:0]
0000 0000
ISRC1_PB17
34h
R/W
ISRC1_PB_BYTE_17[7:0]
0000 0000
ISRC1_PB18
35h
R/W
ISRC1_PB_BYTE_18[7:0]
0000 0000
ISRC1_PB19
36h
R/W
ISRC1_PB_BYTE_19[7:0]
0000 0000
ISRC1_PB20
37h
R/W
ISRC1_PB_BYTE_20[7:0]
0000 0000
ISRC1_PB21
38h
R/W
ISRC1_PB_BYTE_21[7:0]
0000 0000
ISRC1_PB22
39h
R/W
ISRC1_PB_BYTE_22[7:0]
0000 0000
ISRC1_PB23
3Ah
R/W
ISRC1_PB_BYTE_23[7:0]
0000 0000
ISRC1_PB24
3Bh
R/W
ISRC1_PB_BYTE_24[7:0]
0000 0000
ISRC1_PB25
3Ch
R/W
ISRC1_PB_BYTE_25[7:0]
0000 0000
ISRC1_PB26
3Dh
R/W
ISRC1_PB_BYTE_26[7:0]
0000 0000
Table 90.
I2C-bus registers of memory page 11h[1] …continued
Register
Sub
addr
R/W
Bit
Default value
7 (MSB)
6
5
4
3
2
1
0 (LSB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com