Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9983BHW/8/C1 Datasheet(PDF) 37 Page - NXP Semiconductors

Part # TDA9983BHW/8/C1
Description  HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9983BHW/8/C1 Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button TDA9983BHW/8/C1 Datasheet HTML 33Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 34Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 35Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 36Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 37Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 38Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 39Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 40Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 119 page
background image
TDA9983B_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 20 May 2008
37 of 119
NXP Semiconductors
TDA9983B
150 MHz pixel rate HDMI transmitter
Table 36.
VS_LINE_STRT_xx, VS_PIX_STRT_xx, VS_LINE_END_xx, VS_PIX_END_xx registers (address A9h to
B8h) bit description
Legend: * = default value
Address Register
Bit
Symbol
Access Value
Description
A9h
VS_LINE_STRT_1_MSB 7 to 3 x
W
0000 0* undefined
2 to 0 VS_LINE_START_1[10:8] W
000*
vertical synchronization line
start 1: vertical synchronization
line number for start pulse in
field 1
AAh
VS_LINE_STRT_1_LSB
7 to 0 VS_LINE_START_1[7:0]
W
00h*
ABh
VS_PIX_STRT_1_MSB
7 to 5 x
W
000*
undefined
4 to 0 VS_PIX_START_1[12:8]
W
0 0000* vertical synchronization pixel
start 1: vertical synchronization
pixel number for start pulse in
field 1
ACh
VS_PIX_STRT_1_LSB
7 to 0 VS_PIX_START_1[7:0]
W
00h*
ADh
VS_LINE_END_1_MSB
7 to 3 x
W
0000 0* undefined
2 to 0 VS_LINE_END_1[10:8]
W
000*
vertical synchronization line
end 1: vertical synchronization
line number for end pulse in
field 1
AEh
VS_LINE_END_1_LSB
7 to 0 VS_LINE_END_1[7:0]
W
00h*
AFh
VS_PIX_END_1_MSB
7 to 5 x
W
000*
undefined
4 to 0 VS_PIX_END_1[12:8]
W
0 0000* vertical synchronization pixel
end 1: vertical synchronization
pixel number for end pulse in
field 1
B0h
VS_PIX_END_1_LSB
7 to 0 VS_PIX_END_1[7:0]
W
00h*
B1h
VS_LINE_STRT_2_MSB 7 to 3 x
W
0000 0* undefined
2 to 0 VS_LINE_START_2[10:8] W
000*
vertical synchronization line
start 2: vertical synchronization
line number for start pulse in
field 2
B2h
VS_LINE_STRT_2_LSB
7 to 0 VS_LINE_START_2[7:0]
W
00h*
B3h
VS_PIX_STRT_2_MSB
7 to 5 x
W
000*
undefined
4 to 0 VS_PIX_START_2[12:8]
W
0 0000* vertical synchronization pixel
start 2: vertical synchronization
pixel number for start pulse in
field 2
B4h
VS_PIX_STRT_2_LSB
7 to 0 VS_PIX_START_2[7:0]
W
00h*
B5h
VS_LINE_END_2_MSB
7 to 3 x
W
0000 0* undefined
2 to 0 VS_LINE_END_2[10:8]
W
000*
vertical synchronization line
end 2: vertical synchronization
line number for end pulse in
field 2
B6h
VS_LINE_END_2_LSB
7 to 0 VS_LINE_END_2[7:0]
W
00h*
B7h
VS_PIX_END_2_MSB
7 to 5 x
W
000*
undefined
4 to 0 VS_PIX_END_2[12:8]
W
0 0000* vertical synchronization pixel
end 2: vertical synchronization
pixel number for end pulse in
field 2
B8h
VS_PIX_END_2_LSB
7 to 0 VS_PIX_END_2[7:0]
W
00h*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com