Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9983BHW/8/C1 Datasheet(PDF) 65 Page - NXP Semiconductors

Part # TDA9983BHW/8/C1
Description  HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9983BHW/8/C1 Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button TDA9983BHW/8/C1 Datasheet HTML 61Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 62Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 63Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 64Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 65Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 66Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 67Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 68Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 119 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx
xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
VSP_IF_BYTE26
3Dh
R/W
VSP_IF_PB26[7:0]
0000 0000
VSP_IF_BYTE27
3Eh
R/W
VSP_IF_PB27[7:0]
0000 0000
Not used
3Fh
-
-
0000 0000
AVI_IF_TYPE
40h
R/W
AVI_IF_TYPE[7:0]
1000 0010
AVI_IF_VERSION
41h
R/W
AVI_IF_VERSION[7:0]
0000 0000
AVI_IF_LENGTH
42h
R/W
x
x
x
AVI_IF_LENGTH[4:0]
0000 0000
AVI_IF_CHECKSUM
43h
R/W
AVI_IF_CHECKSUM[7:0]
0000 0000
AVI_IF_BYTE1
44h
R/W
reserved
AVI_IF_Y[1:0]
AVI_IF_A
AVI_IF_B[1:0]
AVI_IF_S[1:0]
0000 0000
AVI_IF_BYTE2
45h
R/W
AVI_IF_C[1:0]
AVI_IF_M[1:0]
AVI_IF_R[3:0]
0000 0000
AVI_IF_BYTE3
46h
R/W
reserved
AVI_IF_SC[1:0]
0000 0000
AVI_IF_BYTE4
47h
R/W
reserved
AVI_IF_VIC[6:0]
0000 0000
AVI_IF_BYTE5
48h
R/W
reserved
AVI_IF_PR[3:0]
0000 0000
AVI_IF_BYTE6
49h
R/W
LINE_E_TP_BAR[7:0]
0000 0000
AVI_IF_BYTE7
4Ah
R/W
LINE_E_TP_BAR[15:8]
0000 0000
AVI_IF_BYTE8
4Bh
R/W
LINE_S_BT_BAR[7:0]
0000 0000
AVI_IF_BYTE9
4Ch
R/W
LINE_S_BT_BAR[15:8]
0000 0000
AVI_IF_BYTE10
4Dh
R/W
PIX_E_LF_BAR[7:0]
0000 0000
AVI_IF_BYTE11
4Eh
R/W
PIX_E_LF_BAR[15:8]
0000 0000
AVI_IF_BYTE12
4Fh
R/W
PIX_S_RG_BAR[7:0]
0000 0000
AVI_IF_BYTE13
50h
R/W
PIX_S_RG_BAR[15:8]
0000 0000
AVI_IF_BYTE14
51h
R/W
AVI_IF_RB14[7:0]
0000 0000
AVI_IF_BYTE15
52h
R/W
AVI_IF_RB15[7:0]
0000 0000
AVI_IF_BYTE16
53h
R/W
AVI_IF_RB16[7:0]
0000 0000
AVI_IF_BYTE17
54h
R/W
AVI_IF_RB17[7:0]
0000 0000
AVI_IF_BYTE18
55h
R/W
AVI_IF_RB18[7:0]
0000 0000
AVI_IF_BYTE19
56h
R/W
AVI_IF_RB19[7:0]
0000 0000
AVI_IF_BYTE20
57h
R/W
AVI_IF_RB20[7:0]
0000 0000
AVI_IF_BYTE21
58h
R/W
AVI_IF_RB21[7:0]
0000 0000
AVI_IF_BYTE22
59h
R/W
AVI_IF_RB22[7:0]
0000 0000
AVI_IF_BYTE23
5Ah
R/W
AVI_IF_RB23[7:0]
0000 0000
AVI_IF_BYTE24
5Bh
R/W
AVI_IF_RB24[7:0]
0000 0000
AVI_IF_BYTE25
5Ch
R/W
AVI_IF_RB25[7:0]
0000 0000
Table 83.
I2C-bus registers of memory page 10h[1] …continued
Register
Sub
addr
R/W
Bit
Default value
7 (MSB)
6
5
4
3
2
1
0 (LSB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com