Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9983BHW/8/C1 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # TDA9983BHW/8/C1
Description  HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9983BHW/8/C1 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button TDA9983BHW/8/C1 Datasheet HTML 28Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 29Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 30Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 31Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 32Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 33Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 34Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 35Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 119 page
background image
TDA9983B_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 20 May 2008
32 of 119
NXP Semiconductors
TDA9983B
150 MHz pixel rate HDMI transmitter
6 to 4
SWAP_E[2:0]
W
swap E selector
000
pin VPC[7:4] = vp[7:4]
001
pin VPC[3:0] = vp[7:4]
010
pin VPB[7:4] = vp[7:4]
011
pin VPB[3:0] = vp[7:4]
100
pin VPA[7:4] = vp[7:4]
101*
pin VPA[3:0] = vp[7:4]
other
pin VPA[3:0] = vp[7:4]
3
MIRR_F
W
mirror F
0*
no specific action
1
mirror nibble; m[3:0] = s[0:3]
2 to 0
SWAP_F[2:0]
W
swap F selector
000
pin VPC[7:4] = vp[3:0]
001
pin VPC[3:0] = vp[3:0]
010
pin VPB[7:4] = vp[3:0]
011
pin VPB[3:0] = vp[3:0]
100
pin VPA[7:4] = vp[3:0]
110*
pin VPA[3:0] = vp[3:0]
other
pin VPA[3:0] = vp[3:0]
Table 27.
VIP_CNTRL_3 register (address 23h) bit description
Legend: * = default value
Bit
Symbol
Access Value
Description
7
EDGE
W
edge
0*
vp-bus synchronized on positive edge of
vip_clk_m
1
vp-bus synchronized on negative edge of
vip_clk_m
6
x
W
0*
undefined
5 to 4
SP_SYNC[1:0]
W
sp synchronization
00
sp_cnt synchronized by hemb
01*
sp_cnt synchronized by rising edge de
10
sp_cnt synchronized by rising edge of hs
11
sp_cnt fixed at i2c_sp_cnt
3
EMB
W
embedded
0*
no specific action
1
use embedded synchronization codes
2
V_TGL
W
v_toggle
0
no specific action
1*
toggle vs/vref
Table 26.
VIP_CNTRL_2 register (address 22h) bit description …continued
Legend: * = default value
Bit
Symbol
Access Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com