Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9983BHW/8/C1 Datasheet(PDF) 96 Page - NXP Semiconductors

Part # TDA9983BHW/8/C1
Description  HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9983BHW/8/C1 Datasheet(HTML) 96 Page - NXP Semiconductors

Back Button TDA9983BHW/8/C1 Datasheet HTML 92Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 93Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 94Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 95Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 96Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 97Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 98Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 99Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 100Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 119 page
background image
TDA9983B_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 20 May 2008
96 of 119
NXP Semiconductors
TDA9983B
150 MHz pixel rate HDMI transmitter
69h
ACP_PB6
7 to 0 ACP_PB_BYTE_6[7:0]
R/W
00h*
audio content protection data byte 6
ACP_TYPE = 2: DVD audio
reserved (0)
ACP_TYPE = 3: super audio CD
CCI_1_b6[7:0]
6Ah
ACP_PB7
7 to 0 ACP_PB_BYTE_7[7:0]
R/W
00h*
audio content protection data byte 7
ACP_TYPE = 2: DVD audio
reserved (0)
ACP_TYPE = 3: super audio CD
CCI_1_b7[7:0]
6Bh
ACP_PB8
7 to 0 ACP_PB_BYTE_8[7:0]
R/W
00h*
audio content protection data byte 8
ACP_TYPE = 2: DVD audio
reserved (0)
ACP_TYPE = 3: super audio CD
CCI_1_b8[7:0]
6Ch
ACP_PB9
7 to 0 ACP_PB_BYTE_9[7:0]
R/W
00h*
audio content protection data byte 9
ACP_TYPE = 2: DVD audio
reserved (0)
ACP_TYPE = 3: super audio CD
CCI_1_b9[7:0]
6Dh
ACP_PB10
7 to 0 ACP_PB_BYTE_10[7:0]
R/W
00h*
audio content protection data byte 10
ACP_TYPE = 2: DVD audio
reserved (0)
ACP_TYPE = 3: super audio CD
CCI_1_b10[7:0]
6Eh
ACP_PB11
7 to 0 ACP_PB_BYTE_11[7:0]
R/W
00h*
audio content protection data byte 11
ACP_TYPE = 2: DVD audio
reserved (0)
ACP_TYPE = 3: super audio CD
CCI_1_b11[7:0]
6Fh
ACP_PB12
7 to 0 ACP_PB_BYTE_12[7:0]
R/W
00h*
audio content protection data byte 12
ACP_TYPE = 2: DVD audio
reserved (0)
ACP_TYPE = 3: super audio CD
CCI_1_b12[7:0]
70h
ACP_PB13
7 to 0 ACP_PB_BYTE_13[7:0]
R/W
00h*
audio content protection data byte 13
ACP_TYPE = 2: DVD audio
reserved (0)
ACP_TYPE = 3: super audio CD
CCI_1_b13[7:0]
Table 105. ACP packet registers (address 60h to 7Eh) bit description …continued
Legend: * = default value
Address Register
Bit
Symbol
Access
Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com