Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9983BHW/8/C1 Datasheet(PDF) 63 Page - NXP Semiconductors

Part # TDA9983BHW/8/C1
Description  HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9983BHW/8/C1 Datasheet(HTML) 63 Page - NXP Semiconductors

Back Button TDA9983BHW/8/C1 Datasheet HTML 59Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 60Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 61Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 62Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 63Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 64Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 65Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 66Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 67Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 119 page
background image
TDA9983B_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 20 May 2008
63 of 119
NXP Semiconductors
TDA9983B
150 MHz pixel rate HDMI transmitter
9.5.2 Current page address register
9.6 Information frames and packets page register definitions
The current page address for the Information frames and packets page is 10h.
The configuration of the registers for this page is given in Table 83.
Table 81.
SEL_CLK register (address 11h) bit description
Legend: * = default value
Bit
Symbol
Access
Value
Description
7 to 4
x
R/W
0000*
undefined
3
ENA_SC_CLK
R/W
enable scaler clocks
0*
disable scaler clocks (sc_clk_m, clk1_m)
1
enable scaler clocks (sc_clk_m, clk1_m)
2 to 1
SEL_VRF_CLK[1:0]
R/W
select video reformatter clock
00*
vrf_clk_m = not tmdsclkpo;
sc_clk_m = tmdsclkpo
01
vrf_clk_m = scaclko_pllscgon;
sc_clk_m = not scaclko_pllscgon
10
vrf_clk_m = scaclko_tmdsclkn;
sc_clk_m = not scaclko_tmdsclkn
11
vrf_clk_m = scaclko_tmdsclkn;
sc_clk_m = not scaclko_tmdsclkn
0
SEL_CLK1
R/W
select clock 1
0*
clk1_m = not (plldeo)
1
clk1_m = plldeo_div2
Table 82.
CURPAGE_ADR register (address FFh) bit description
Legend: * = default value
Bit
Symbol
Access
Value
Description
7 to 0
CURPAGE_ADR[7:0]
W
00h*
current page address: selects the current
memory page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com