Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9983BHW/8/C1 Datasheet(PDF) 52 Page - NXP Semiconductors

Part # TDA9983BHW/8/C1
Description  HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9983BHW/8/C1 Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button TDA9983BHW/8/C1 Datasheet HTML 48Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 49Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 50Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 51Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 52Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 53Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 54Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 55Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 119 page
background image
TDA9983B_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 20 May 2008
52 of 119
NXP Semiconductors
TDA9983B
150 MHz pixel rate HDMI transmitter
32h
SC_VS_LUT_23
7 to 0
VS_LUT23[7:0]
W
-
vertical scaler LUT 23: external LUT
coefficient[23] for vertical scaler
33h
SC_VS_LUT_24
7 to 0
VS_LUT24[7:0]
W
-
vertical scaler LUT 24: external LUT
coefficient[24] for vertical scaler
34h
SC_VS_LUT_25
7 to 0
VS_LUT25[7:0]
W
-
vertical scaler LUT 25: external LUT
coefficient[25] for vertical scaler
35h
SC_VS_LUT_26
7 to 0
VS_LUT26[7:0]
W
-
vertical scaler LUT 26: external LUT
coefficient[26] for vertical scaler
36h
SC_VS_LUT_27
7 to 0
VS_LUT27[7:0]
W
-
vertical scaler LUT 27: external LUT
coefficient[27] for vertical scaler
37h
SC_VS_LUT_28
7 to 0
VS_LUT28[7:0]
W
-
vertical scaler LUT 28: external LUT
coefficient[28] for vertical scaler
38h
SC_VS_LUT_29
7 to 0
VS_LUT29[7:0]
W
-
vertical scaler LUT 29: external LUT
coefficient[29] for vertical scaler
39h
SC_VS_LUT_30
7 to 0
VS_LUT30[7:0]
W
-
vertical scaler LUT 30: external LUT
coefficient[30] for vertical scaler
3Ah
SC_VS_LUT_31
7 to 0
VS_LUT31[7:0]
W
-
vertical scaler LUT 31: external LUT
coefficient[31] for vertical scaler
3Bh
SC_VS_LUT_32
7 to 0
VS_LUT32[7:0]
W
-
vertical scaler LUT 32: external LUT
coefficient[32] for vertical scaler
3Ch
SC_VS_LUT_33
7 to 0
VS_LUT33[7:0]
W
-
vertical scaler LUT 33: external LUT
coefficient[33] for vertical scaler
3Dh
SC_VS_LUT_34
7 to 0
VS_LUT34[7:0]
W
-
vertical scaler LUT 34: external LUT
coefficient[34] for vertical scaler
3Eh
SC_VS_LUT_35
7 to 0
VS_LUT35[7:0]
W
-
vertical scaler LUT 35: external LUT
coefficient[35] for vertical scaler
3Fh
SC_VS_LUT_36
7 to 0
VS_LUT36[7:0]
W
-
vertical scaler LUT 36: external LUT
coefficient[36] for vertical scaler
40h
SC_VS_LUT_37
7 to 0
VS_LUT37[7:0]
W
-
vertical scaler LUT 37: external LUT
coefficient[37] for vertical scaler
41h
SC_VS_LUT_38
7 to 0
VS_LUT38[7:0]
W
-
vertical scaler LUT 38: external LUT
coefficient[38] for vertical scaler
42h
SC_VS_LUT_39
7 to 0
VS_LUT39[7:0]
W
-
vertical scaler LUT 39: external LUT
coefficient[39] for vertical scaler
43h
SC_VS_LUT_40
7 to 0
VS_LUT40[7:0]
W
-
vertical scaler LUT 40: external LUT
coefficient[40] for vertical scaler
44h
SC_VS_LUT_41
7 to 0
VS_LUT41[7:0]
W
-
vertical scaler LUT 41: external LUT
coefficient[41] for vertical scaler
45h
SC_VS_LUT_42
7 to 0
VS_LUT42[7:0]
W
-
vertical scaler LUT 42: external LUT
coefficient[42] for vertical scaler
46h
SC_VS_LUT_43
7 to 0
VS_LUT43[7:0]
W
-
vertical scaler LUT 43: external LUT
coefficient[43] for vertical scaler
47h
SC_VS_LUT_44
7 to 0
VS_LUT44[7:0]
W
-
vertical scaler LUT 44: external LUT
coefficient[44] for vertical scaler
Table 59.
SC_VS_LUT_xx registers (address 1Bh to 47h) bit description …continued
Legend: * = default value
Address Register
Bit
Symbol
Access
Value Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com