Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9983BHW/8/C1 Datasheet(PDF) 76 Page - NXP Semiconductors

Part # TDA9983BHW/8/C1
Description  HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9983BHW/8/C1 Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button TDA9983BHW/8/C1 Datasheet HTML 72Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 73Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 74Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 75Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 76Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 77Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 78Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 79Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 119 page
background image
TDA9983B_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 20 May 2008
76 of 119
NXP Semiconductors
TDA9983B
150 MHz pixel rate HDMI transmitter
9.6.4 Audio InfoFrame registers
Below is an example of use. Please refer to
EIA/CEA-861B specification and HDMI 1.2a
specification for the correct definition of data bytes.
7Ch
SPD_IF_BYTE25
7 to 0 SPD_IF_SDI[7:0]
R/W
source product description
InfoFrame source device
information: source device
information
00h*
unknown
01h
digital STB
02h
DVD
03h
D-VHS
04h
HDD video
05h
DVC
06h
DSC
07h
video CD
08h
game
09h
PC general
source product description
InfoFrame data byte
7Dh
SPD_IF_BYTE26
7 to 0 SPD_IF_BYTE26[7:0]
R/W
00h*
data byte 26
7Eh
SPD_IF_BYTE27
7 to 0 SPD_IF_BYTE27[7:0]
R/W
00h*
data byte 27
Table 86.
SPD_IF_xx registers (address 60h to 7Eh) bit description …continued
Legend: * = default value
Address Register
Bit
Symbol
Access Value
Description
Table 87.
AUD_IF_xx registers (address 80h to 9Eh) bit description
Legend: * = default value
Address Register
Bit
Symbol
Access Value
Description
80h
AUD_IF_TYPE
7 to 0 AUD_IF_TYPE[7:0]
R/W
84h*
audio InfoFrame packet type:
gives the packet type of the audio
InfoFrame packet (80h +
InfoFrame type code as per
EIA/CEA-861B)
81h
AUD_IF_VERSION
7 to 0 AUD_IF_
VERSION[7:0]
R/W
00h*
audio InfoFrame version: gives
the version number of the audio
InfoFrame
82h
AUD_IF_LENGTH
7 to 5 x
R/W
000*
reserved (shall be zero)
4 to 0 AUD_IF_LENGTH[4:0]
R/W
0 0000*
audio InfoFrame length: gives
the number of data bytes for the
audio InfoFrame; this length does
not include the checksum
83h
AUD_IF_CHECKSUM 7 to 0 AUD_IF_
CHECKSUM[7:0]
R/W
00h*
audio InfoFrame checksum:
shall be calculated such that a
byte-wide sum of all three bytes of
the packet header and all valid
bytes of the audio InfoFrame
packet contents (determined by
InfoFrame length) plus the
checksum itself equals 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com