Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9983BHW/8/C1 Datasheet(PDF) 75 Page - NXP Semiconductors

Part # TDA9983BHW/8/C1
Description  HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9983BHW/8/C1 Datasheet(HTML) 75 Page - NXP Semiconductors

Back Button TDA9983BHW/8/C1 Datasheet HTML 71Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 72Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 73Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 74Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 75Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 76Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 77Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 78Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 79Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 119 page
background image
TDA9983B_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 20 May 2008
75 of 119
NXP Semiconductors
TDA9983B
150 MHz pixel rate HDMI transmitter
6Bh
SPD_IF_BYTE8
7
x
R/W
0*
reserved (shall be zero)
6 to 0 SPD_IF_VN8[6:0]
R/W
000 0000*
character 8
source product description
InfoFrame product description:
7-bit ASCII code
6Ch
SPD_IF_BYTE9
7
x
R/W
0*
reserved (shall be zero)
6 to 0 SPD_IF_PD1[6:0]
R/W
000 0000*
character 1
6Dh
SPD_IF_BYTE10
7
x
R/W
0*
reserved (shall be zero)
6 to 0 SPD_IF_PD2[6:0]
R/W
000 0000*
character 2
6Eh
SPD_IF_BYTE11
7
x
R/W
0*
reserved (shall be zero)
6 to 0 SPD_IF_PD3[6:0]
R/W
000 0000*
character 3
6Fh
SPD_IF_BYTE12
7
x
R/W
0*
reserved (shall be zero)
6 to 0 SPD_IF_PD4[6:0]
R/W
000 0000*
character 4
70h
SPD_IF_BYTE13
7
x
R/W
0*
reserved (shall be zero)
6 to 0 SPD_IF_PD5[6:0]
R/W
000 0000*
character 5
71h
SPD_IF_BYTE14
7
x
R/W
0*
reserved (shall be zero)
6 to 0 SPD_IF_PD6[6:0]
R/W
000 0000*
character 6
72h
SPD_IF_BYTE15
7
x
R/W
0*
reserved (shall be zero)
6 to 0 SPD_IF_PD7[6:0]
R/W
000 0000*
character 7
73h
SPD_IF_BYTE16
7
x
R/W
0*
reserved (shall be zero)
6 to 0 SPD_IF_PD8[6:0]
R/W
000 0000*
character 8
74h
SPD_IF_BYTE17
7
x
R/W
0*
reserved (shall be zero)
6 to 0 SPD_IF_PD9[6:0]
R/W
000 0000*
character 9
75h
SPD_IF_BYTE18
7
x
R/W
0*
reserved (shall be zero)
6 to 0 SPD_IF_PD10[6:0]
R/W
000 0000*
character 10
76h
SPD_IF_BYTE19
7
x
R/W
0*
reserved (shall be zero)
6 to 0 SPD_IF_PD11[6:0]
R/W
000 0000*
character 11
77h
SPD_IF_BYTE20
7
x
R/W
0*
reserved (shall be zero)
6 to 0 SPD_IF_PD12[6:0]
R/W
000 0000*
character 12
78h
SPD_IF_BYTE21
7
x
R/W
0*
reserved (shall be zero)
6 to 0 SPD_IF_PD13[6:0]
R/W
000 0000*
character 13
79h
SPD_IF_BYTE22
7
x
R/W
0*
reserved (shall be zero)
6 to 0 SPD_IF_PD14[6:0]
R/W
000 0000*
character 14
7Ah
SPD_IF_BYTE23
7
x
R/W
0*
reserved (shall be zero)
6 to 0 SPD_IF_PD15[6:0]
R/W
000 0000*
character 15
7Bh
SPD_IF_BYTE24
7
x
R/W
0*
reserved (shall be zero)
6 to 0 SPD_IF_PD16[6:0]
R/W
000 0000*
character 16
Table 86.
SPD_IF_xx registers (address 60h to 7Eh) bit description …continued
Legend: * = default value
Address Register
Bit
Symbol
Access Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com