Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9983BHW/8/C1 Datasheet(PDF) 55 Page - NXP Semiconductors

Part # TDA9983BHW/8/C1
Description  HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9983BHW/8/C1 Datasheet(HTML) 55 Page - NXP Semiconductors

Back Button TDA9983BHW/8/C1 Datasheet HTML 51Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 52Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 53Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 54Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 55Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 56Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 57Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 58Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 59Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 119 page
background image
TDA9983B_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 20 May 2008
55 of 119
NXP Semiconductors
TDA9983B
150 MHz pixel rate HDMI transmitter
9.4.3 Current page address register
9.5 PLL settings page register definitions
The current page address for the PLL settings page is 02h.
The configuration of the registers for this page is given in Table 66.
1
TOP_SEL
W
top select
0*
top_tbg_sci = top_tbg_sci (internal;
programmed via I2C-bus)
1
top_tbg_sci = top_tbg_vrf
0
TOP_TGL
W
top toggle
0*
no specific action
1
toggle top_tbg_sci
Table 64.
TBG_CNTRL_0 register (address CAh) bit description …continued
Legend: * = default value
Bit
Symbol
Access Value
Description
Table 65.
CURPAGE_ADR register (address FFh) bit description
Legend: * = default value
Bit
Symbol
Access Value
Description
7 to 0
CURPAGE_ADR[7:0]
W
00h*
current page address: selects the current
memory page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com