Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9983BHW/8/C1 Datasheet(PDF) 92 Page - NXP Semiconductors

Part # TDA9983BHW/8/C1
Description  HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9983BHW/8/C1 Datasheet(HTML) 92 Page - NXP Semiconductors

Back Button TDA9983BHW/8/C1 Datasheet HTML 88Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 89Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 90Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 91Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 92Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 93Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 94Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 95Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 96Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 119 page
background image
TDA9983B_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 20 May 2008
92 of 119
NXP Semiconductors
TDA9983B
150 MHz pixel rate HDMI transmitter
22h
ISRC1_RSVD
7 to 0 ISRC1_RSVD[7:0]
R/W
00h*
ISRC1 reserved: reserved (shall
be zero)
ISRC1 data byte x: x = 0 to 15
23h
UPC_EAN_ISRC_0
7 to 0 UPC_EAN_ISRC_0[7:0]
R/W
00h*
UPC/EAN or ISRC byte 0
24h
UPC_EAN_ISRC_1
7 to 0 UPC_EAN_ISRC_1[7:0]
R/W
00h*
UPC/EAN or ISRC byte 1
25h
UPC_EAN_ISRC_2
7 to 0 UPC_EAN_ISRC_2[7:0]
R/W
00h*
UPC/EAN or ISRC byte 2
26h
UPC_EAN_ISRC_3
7 to 0 UPC_EAN_ISRC_3[7:0]
R/W
00h*
UPC/EAN or ISRC byte 3
27h
UPC_EAN_ISRC_4
7 to 0 UPC_EAN_ISRC_4[7:0]
R/W
00h*
UPC/EAN or ISRC byte 4
28h
UPC_EAN_ISRC_5
7 to 0 UPC_EAN_ISRC_5[7:0]
R/W
00h*
UPC/EAN or ISRC byte 5
29h
UPC_EAN_ISRC_6
7 to 0 UPC_EAN_ISRC_6[7:0]
R/W
00h*
UPC/EAN or ISRC byte 6
2Ah
UPC_EAN_ISRC_7
7 to 0 UPC_EAN_ISRC_7[7:0]
R/W
00h*
UPC/EAN or ISRC byte 7
2Bh
UPC_EAN_ISRC_8
7 to 0 UPC_EAN_ISRC_8[7:0]
R/W
00h*
UPC/EAN or ISRC byte 8
2Ch
UPC_EAN_ISRC_9
7 to 0 UPC_EAN_ISRC_9[7:0]
R/W
00h*
UPC/EAN or ISRC byte 9
2Dh
UPC_EAN_ISRC_10
7 to 0 UPC_EAN_ISRC_10[7:0]
R/W
00h*
UPC/EAN or ISRC byte 10
2Eh
UPC_EAN_ISRC_11
7 to 0 UPC_EAN_ISRC_11[7:0]
R/W
00h*
UPC/EAN or ISRC byte 11
2Fh
UPC_EAN_ISRC_12
7 to 0 UPC_EAN_ISRC_12[7:0]
R/W
00h*
UPC/EAN or ISRC byte 12
30h
UPC_EAN_ISRC_13
7 to 0 UPC_EAN_ISRC_13[7:0]
R/W
00h*
UPC/EAN or ISRC byte 13
31h
UPC_EAN_ISRC_14
7 to 0 UPC_EAN_ISRC_14[7:0]
R/W
00h*
UPC/EAN or ISRC byte 14
32h
UPC_EAN_ISRC_15
7 to 0 UPC_EAN_ISRC_15[7:0]
R/W
00h*
UPC/EAN or ISRC byte 15
ISRC1 data byte x: x = 16 to 27
33h
ISRC1_PB16
7 to 0 ISRC1_PB_BYTE_16[7:0]
R/W
00h*
reserved byte 16 (shall be set to
a value of 0)
34h
ISRC1_PB17
7 to 0 ISRC1_PB_BYTE_17[7:0]
R/W
00h*
reserved byte 17 (shall be set to
a value of 0)
35h
ISRC1_PB18
7 to 0 ISRC1_PB_BYTE_18[7:0]
R/W
00h*
reserved byte 18 (shall be set to
a value of 0)
36h
ISRC1_PB19
7 to 0 ISRC1_PB_BYTE_19[7:0]
R/W
00h*
reserved byte 19 (shall be set to
a value of 0)
37h
ISRC1_PB20
7 to 0 ISRC1_PB_BYTE_20[7:0]
R/W
00h*
reserved byte 20 (shall be set to
a value of 0)
38h
ISRC1_PB21
7 to 0 ISRC1_PB_BYTE_21[7:0]
R/W
00h*
reserved byte 21 (shall be set to
a value of 0)
39h
ISRC1_PB22
7 to 0 ISRC1_PB_BYTE_22[7:0]
R/W
00h*
reserved byte 22 (shall be set to
a value of 0)
3Ah
ISRC1_PB23
7 to 0 ISRC1_PB_BYTE_23[7:0]
R/W
00h*
reserved byte 23 (shall be set to
a value of 0)
3Bh
ISRC1_PB24
7 to 0 ISRC1_PB_BYTE_24[7:0]
R/W
00h*
reserved byte 24 (shall be set to
a value of 0)
3Ch
ISRC1_PB25
7 to 0 ISRC1_PB_BYTE_25[7:0]
R/W
00h*
reserved byte 25 (shall be set to
a value of 0)
3Dh
ISRC1_PB26
7 to 0 ISRC1_PB_BYTE_26[7:0]
R/W
00h*
reserved byte 26 (shall be set to
a value of 0)
3Eh
ISRC1_PB27
7 to 0 ISRC1_PB_BYTE_27[7:0]
R/W
00h*
reserved byte 27 (shall be set to
a value of 0)
Table 103. ISRC1 packet registers (address 20h to 3Eh) bit description …continued
Legend: * = default value
Address Register
Bit
Symbol
Access Value Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com