Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9983BHW/8/C1 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # TDA9983BHW/8/C1
Description  HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9983BHW/8/C1 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button TDA9983BHW/8/C1 Datasheet HTML 40Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 41Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 42Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 43Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 44Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 45Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 46Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 47Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 119 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx
xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
Table 51.
I2C-bus registers of memory page 01h[1]
Register
Sub
addr
R/W
Bit
Default
value
7 (MSB)
6
5
4
3
2
1
0 (LSB)
SC_VIDFORMAT
00h
W
LUT_SEL[1:0]
VID_FORMAT_O[2:0]
VID_FORMAT_I[2:0]
0000 0000
SC_CNTRL
01h
W
x
x
x
x
IL_OUT_
ON
PHASES_
V
VS_ON
DEIL_ON
0000 0000
SC_DELTA_PHASE_V
02h
W
x
DELTA_PHASE_V[6:0]
0001 1110
SC_DELTA_PHASE_H
03h
W
x
x
x
DELTA_PHASE_H[4:0]
0001 0000
SC_START_PHASE_H
04h
W
x
x
x
x
START_PHASE_H[3:0]
0000 0000
SC_NPIX_IN_LSB
05h
W
NPIX_IN[7:0]
1101 0000
SC_NPIX_IN_MSB
06h
W
x
xxxxx
NPIX_IN[9:8]
0000 0010
SC_NPIX_OUT_LSB
07h
W
NPIX_OUT[7:0]
1101 0000
SC_NPIX_OUT_MSB
08h
W
x
xxxx
NPIX_OUT[10:8]
0000 0010
SC_NLINE_IN_LSB
09h
W
NLINE_IN[7:0]
0100 0000
SC_NLINE_IN_MSB
0Ah
W
x
xxxxx
NLINE_IN[9:8]
0000 0010
SC_NLINE_OUT_LSB
0Bh
W
NLINE_OUT[7:0]
0100 0000
SC_NLINE_OUT_MSB
0Ch
W
x
xxxxx
NLINE_OUT[9:8]
0000 0010
SC_NLINE_SKIP
0Dh
W
x
xxxx
NLINE_SKIP[2:0]
0000 0000
SC_SAMPLE_BUFFILL
0Eh
R
SAMPLE_BUFFILL_COMMAND[7:0]
XXXX XXXX
SC_MAX_BUFFILL_P_0
0Fh
R
MAX_BUFFILL_P[7:0]
XXXX XXXX
SC_MAX_BUFFILL_P_1
10h
R
x
x
x
x
MAX_BUFFILL_P[11:8]
XXXX XXXX
SC_MAX_BUFFILL_D_0
11h
R
MAX_BUFFILL_D[7:0]
XXXX XXXX
SC_MAX_BUFFILL_D_1
12h
R
x
x
x
x
MAX_BUFFILL_D[11:8]
XXXX XXXX
SC_SAMPLE_FIFOFILL
13h
R
SAMPLE_FIFOFILL_COMMAND[7:0]
XXXX XXXX
SC_MAX_FIFOFILL_PI
14h
R
x
x
x
MAX_FIFOFILL_PI[4:0]
XXXX XXXX
SC_MIN_FIFOFILL_PO1
15h
R
x
x
x
MIN_FIFOFILL_PO1[4:0]
XXXX XXXX
SC_MIN_FIFOFILL_PO2
16h
R
x
x
x
MIN_FIFOFILL_PO2[4:0]
XXXX XXXX
SC_MIN_FIFOFILL_PO3
17h
R
x
x
x
MIN_FIFOFILL_PO3[4:0]
XXXX XXXX
SC_MIN_FIFOFILL_PO4
18h
R
x
x
x
MIN_FIFOFILL_PO4[4:0]
XXXX XXXX
SC_MAX_FIFOFILL_DI
19h
R
x
x
x
MAX_FIFOFILL_DI[4:0]
XXXX XXXX
SC_MAX_FIFOFILL_DO
1Ah
R
x
x
x
MAX_FIFOFILL_DO[4:0]
XXXX XXXX
SC_VS_LUT_0
1Bh
W
VS_LUT0[7:0]
XXXX XXXX
SC_VS_LUT_1
1Ch
W
VS_LUT1[7:0]
XXXX XXXX
SC_VS_LUT_2
1Dh
W
VS_LUT2[7:0]
XXXX XXXX
SC_VS_LUT_3
1Eh
W
VS_LUT3[7:0]
XXXX XXXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com