Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9983BHW/8/C1 Datasheet(PDF) 30 Page - NXP Semiconductors

Part # TDA9983BHW/8/C1
Description  HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9983BHW/8/C1 Datasheet(HTML) 30 Page - NXP Semiconductors

Back Button TDA9983BHW/8/C1 Datasheet HTML 26Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 27Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 28Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 29Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 30Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 31Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 32Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 33Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 34Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 119 page
background image
TDA9983B_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 20 May 2008
30 of 119
NXP Semiconductors
TDA9983B
150 MHz pixel rate HDMI transmitter
9.3.3 Video input processing control registers
Table 23.
INT_FLAGS_1 register (address 10h) bit description
Legend: * = default value
Bit
Symbol
Access Value
Description
7
HPD_IN
R/W
HPD input: transition on HPD input
0*
HPD is LOW
1
HPD is HIGH
6
x
R/W
0*
undefined
5
SC_DEIL
R/W
scaler deinterlace: scaler deinterlaced video
buffer failure
0*
FALSE/INT_disabled
1
TRUE/INT_enabled
4
SC_VID
R/W
scaler video: scaler primary video buffer full failure
0*
FALSE/INT_disabled
1
TRUE/INT_enabled
3
SC_OUT
R/W
scaler output: scaler output failure
0*
FALSE/INT_disabled
1
TRUE/INT_enabled
2
SC_IN
R/W
scaler input: scaler input failure
0*
FALSE/INT_disabled
1
TRUE/INT_enabled
1
x
R/W
0*
undefined
0
VS_RPT
R/W
rising edge on VS_RPT detected
0*
FALSE/INT_disabled
1
TRUE/INT_enabled
Table 24.
VIP_CNTRL_0 register (address 20h) bit description
Legend: * = default value
Bit
Symbol
Access
Value
Description
7
MIRR_A
W
mirror A
0*
no specific action
1
mirror nibble; m[23:20] = s[20:23]
6 to 4
SWAP_A[2:0]
W
swap A selector
000*
pin VPC[7:4] = vp[23:20]
001
pin VPC[3:0] = vp[23:20]
010
pin VPB[7:4] = vp[23:20]
011
pin VPB[3:0] = vp[23:20]
100
pin VPA[7:4] = vp[23:20]
other
pin VPA[3:0] = vp[23:20]
3
MIRR_B
W
mirror B
0*
no specific action
1
mirror nibble; m[19:16] = s[16:19]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com