Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9983BHW/8/C1 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA9983BHW/8/C1
Description  HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9983BHW/8/C1 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA9983BHW/8/C1 Datasheet HTML 1Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 2Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 3Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 4Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 5Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 6Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 7Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 8Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 119 page
background image
xxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx x xxxxxxxxxxxxxx xxxxxxxxxx xxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxx
xxxxx xxxxxx xx xxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxx xxxxxxx xxxxxxxxxxxxxxxxxxx
xxxxxxxxxxxxxxxx xxxxxxxxxxxxxx xxxxxx xx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxx xxxxx x x
(1) Block can be bypassed.
Fig 1.
Block diagram
001aag248
VPA[7:0]
VIDEO
INPUT
PROCESSOR
UPSCALER(1)
VIDEO PROCESSING
3
× 8-bit
RGB
YCBCR 4 : 4 : 4
2
× 12-bit
or 1
× 12-bit
YCBCR 4 : 2 : 2
ITU656 or ITU656-like
UPSAMPLING
FROM
4 : 2 : 2
TO
4 : 4 : 4(1)
DOWNSAMPLING
FROM
4 : 4 : 4
TO
4 : 2 : 2(1)
COLOR
SPACE
CONVERTER
RGB TO YUV
YUV TO RGB
(4 : 4 : 4)(1)
DEINTERLACER
INTRAFIELD(1)
TDA9983B
AUDIO
PROCESSING
HPD
MANAGEMENT
DATA
ISLAND
PACKET
INFORMATION
FRAMES AND
PACKETS
VPB[7:0]
VPC[7:0]
VSYNC/VREF
HSYNC/HREF
DE/FREF
VCLK
2
1
80
68 to 70,
75 to 79
57 and 58,
61 to 65,
67
49 to 56
66
HPD
HDMI
SERIALIZER
26
TXC
−
27
TXC+
29
TX0
−
30
TX0+
32
TX1
−
33
TX1+
35
TX2
−
36
TX2+
DDC_SCL
DDC_SDA
20
19
INT
17
I2C-BUS
SLAVE
DDC-BUS
IRQ
GENERATION
I2C_SCL
I2C_SDA
A0
A1
43
44
41
40
AP7 to AP0
4 to 11
ACLK
12
18
VSSD
14, 47,
72
VSSC
15, 60,
73
VSSA(FRO_3V3)
22
VSSA(PLL_3V3)
39
TM
21
EXT_SWING
24
VSSH
25, 31,
37
VSSA(PLL_1V8)
46
HARD
RESET
RST_N
42
VPP
VDDD(3V3)
VDDC(1V8)
VDDA(FRO_3V3)
VDDH(3V3)
VDDA(PLL_3V3)
3
13, 48,
71
16, 45,
59, 74
23
28, 34
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com