Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9983BHW/8/C1 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA9983BHW/8/C1
Description  HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9983BHW/8/C1 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA9983BHW/8/C1 Datasheet HTML 2Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 3Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 4Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 5Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 6Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 7Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 8Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 9Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 119 page
background image
TDA9983B_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 20 May 2008
6 of 119
NXP Semiconductors
TDA9983B
150 MHz pixel rate HDMI transmitter
AP4
7
I
audio port 4 input; I2S-bus 3
AP3
8
I
audio port 3 input; I2S-bus 2
AP2
9
I
audio port 2 input; I2S-bus 1
AP1
10
I
audio port 1 input; I2S-bus 0
AP0
11
I
audio port 0 input; word select WS for I2S-bus
ACLK
12
I
audio clock input; clock SCK for I2S-bus
VDDD(3V3)
13
P
supply voltage for input ports (3.3 V)
VSSD
14
G
ground for input ports
VSSC
15
G
ground for digital core
VDDC(1V8)
16
P
supply voltage for digital core (1.8 V)
INT
17
O
interrupt output (open drain); warns the external
microprocessor that a special event has occurred; must be
connected to a pull-up resistor; 5 V tolerant
HPD
18
I
hot plug detect input; 5 V tolerant
DDC_SDA
19
I/O
DDC-bus data input/output (open drain); must be connected
to a pull-up resistor; 5 V tolerant
DDC_SCL
20
O
DDC-bus clock output (open drain); must be connected to a
pull-up resistor; 5 V tolerant
TM
21
I
internal test mode input (must be connected to the ground of
the digital core in normal operation)
VSSA(FRO_3V3)
22
G
analog ground for free running oscillator
VDDA(FRO_3V3)
23
P
analog supply voltage for free running oscillator (3.3 V)
EXT_SWING
24
I
external swing adjust input; a fixed resistor must be
connected between this pin and VDDH(3V3) to set the HDMI
output swing (see Section 8.14.1)
VSSH
25
G
ground for HDMI transmitter
TXC
−
26
O
negative clock channel for HDMI output
TXC+
27
O
positive clock channel for HDMI output
VDDH(3V3)
28
P
supply voltage for HDMI transmitter (3.3 V)
TX0
−
29
O
negative data channel 0 for HDMI output
TX0+
30
O
positive data channel 0 for HDMI output
VSSH
31
G
ground for HDMI transmitter
TX1
−
32
O
negative data channel 1 for HDMI output
TX1+
33
O
positive data channel 1 for HDMI output
VDDH(3V3)
34
P
supply voltage for HDMI transmitter (3.3 V)
TX2
−
35
O
negative data channel 2 for HDMI output
TX2+
36
O
positive data channel 2 for HDMI output
VSSH
37
G
ground for HDMI transmitter
VDDA(PLL_3V3)
38
P
analog supply voltage for PLL (3.3 V)
VSSA(PLL_3V3)
39
G
analog ground reference for PLL
A1
40
I
I2C-bus slave address input 1; bit 1
A0
41
I
I2C-bus slave address input 0; bit 0
RST_N
42
I
hard reset input; active LOW
Table 4.
Pin description …continued
Symbol
Pin
Type[1] Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com