Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9983BHW/8/C1 Datasheet(PDF) 53 Page - NXP Semiconductors

Part # TDA9983BHW/8/C1
Description  HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9983BHW/8/C1 Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button TDA9983BHW/8/C1 Datasheet HTML 49Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 50Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 51Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 52Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 53Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 54Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 55Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 56Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 119 page
background image
TDA9983B_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 20 May 2008
53 of 119
NXP Semiconductors
TDA9983B
150 MHz pixel rate HDMI transmitter
9.4.2 Scaling input time base generator control registers
Table 60.
VIDFORMAT register (address A0h) bit description
Legend: * = default value
Bit
Symbol
Access Value
Description
7 to 3
x
W
0000 0* undefined
2 to 0
VIDFORMAT[2:0]
W
video format: time base generator for scaler
input formats
000*
480i 60 Hz
001
576i 50 Hz
010
480p 60 Hz
011
576p 50 Hz
1XX
reserved for future use
Table 61.
REFPIX_xx, REFLINE_xx, NPIX_xx and NLINE_xx registers (address A1h to A8h) bit description
Legend: * = default value
Address Register
Bit
Symbol
Access
Value
Description
A1h
REFPIX_MSB
7 to 2 x
W
0000 00* undefined
1 to 0 PRESET_PIX[9:8]
W
00*
preset pixel: reference pixel
preset
A2h
REFPIX_LSB
7 to 0 PRESET_PIX[7:0]
W
01h*
A3h
REFLINE_MSB
7 to 2 x
W
0000 00* undefined
1 to 0 PRESET_LINE[9:8]
W
00*
preset line: reference line preset
A4h
REFLINE_LSB
7 to 0 PRESET_LINE[7:0]
W
01h*
A5h
NPIX_MSB
7 to 2 x
W
0000 00* undefined
1 to 0 NPIX[9:8]
W
00*
number pixel: number of pixels
per line
A6h
NPIX_LSB
7 to 0 NPIX[7:0]
W
00h*
A7h
NLINE_MSB
7 to 2 x
W
0000 00* undefined
1 to 0 NLINE[9:8]
W
00*
number line: number of lines per
frame
A8h
NLINE_LSB
7 to 0 NLINE[7:0]
W
00h*
Table 62.
VWIN_START_x_xx and VWIN_END_x_xx registers (address BDh to C4h) bit description
Legend: * = default value
Address Register
Bit
Symbol
Access
Value
Description
BDh
VWIN_START_1_MSB
7 to 2 x
W
0000 00*
undefined
1 to 0 VWIN_START_1[9:8]
W
00*
vertical window start 1: vertical
window line number for start
pulse in field 1
BEh
VWIN_START_1_LSB
7 to 0 VWIN_START_1[7:0]
W
00h*
BFh
VWIN_END_1_MSB
7 to 2 x
W
0000 00*
undefined
1 to 0 VWIN_END_1[9:8]
W
00*
vertical window end 1: vertical
window line number for end pulse
in field 1
C0h
VWIN_END_1_LSB
7 to 0 VWIN_END_1[7:0]
W
00h*
C1h
VWIN_START_2_MSB
7 to 2 x
W
0000 00*
undefined
1 to 0 VWIN_START_2[9:8]
W
00*
vertical window start 2: vertical
window line number for start
pulse in field 2
C2h
VWIN_START_2_LSB
7 to 0 VWIN_START_2[7:0]
W
00h*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com