Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9983BHW/8/C1 Datasheet(PDF) 68 Page - NXP Semiconductors

Part # TDA9983BHW/8/C1
Description  HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9983BHW/8/C1 Datasheet(HTML) 68 Page - NXP Semiconductors

Back Button TDA9983BHW/8/C1 Datasheet HTML 64Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 65Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 66Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 67Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 68Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 69Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 70Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 71Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 72Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 119 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx
xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
AUD_IF_BYTE25
9Ch
R/W
AUD_IF_BYTE25[7:0]
0000 0000
AUD_IF_BYTE26
9Dh
R/W
AUD_IF_BYTE26[7:0]
0000 0000
AUD_IF_BYTE27
9Eh
R/W
AUD_IF_BYTE27[7:0]
0000 0000
Not used
9Fh
-
-
0000 0000
MPS_IF_TYPE
A0h
R/W
MPS_IF_TYPE[7:0]
1000 0101
MPS_IF_VERSION
A1h
R/W
MPS_IF_VERSION[7:0]
0000 0000
MPS_IF_LENGTH
A2h
R/W
x
x
x
MPS_IF_LENGTH[4:0]
0000 0000
MPS_IF_CHECKSUM
A3h
R/W
MPS_IF_CHECKSUM[7:0]
0000 0000
MPS_IF_BYTE1
A4h
R/W
MPS_IF_MB0[7:0]
0000 0000
MPS_IF_BYTE2
A5h
R/W
MPS_IF_MB1[7:0]
0000 0000
MPS_IF_BYTE3
A6h
R/W
MPS_IF_MB2[7:0]
0000 0000
MPS_IF_BYTE4
A7h
R/W
MPS_IF_MB3[7:0]
0000 0000
MPS_IF_BYTE5
A8h
R/W
reserved
MPS_IF_
FR0
reserved
MPS_IF_MF[1:0]
0000 0000
MPS_IF_BYTE6
A9h
R/W
MPS_IF_BYTE6[7:0]
0000 0000
MPS_IF_BYTE7
AAh
R/W
MPS_IF_BYTE7[7:0]
0000 0000
MPS_IF_BYTE8
ABh
R/W
MPS_IF_BYTE8[7:0]
0000 0000
MPS_IF_BYTE9
ACh
R/W
MPS_IF_BYTE9[7:0]
0000 0000
MPS_IF_BYTE10
ADh
R/W
MPS_IF_BYTE10[7:0]
0000 0000
MPS_IF_BYTE11
AEh
R/W
MPS_IF_BYTE11[7:0]
0000 0000
MPS_IF_BYTE12
AFh
R/W
MPS_IF_BYTE12[7:0]
0000 0000
MPS_IF_BYTE13
B0h
R/W
MPS_IF_BYTE13[7:0]
0000 0000
MPS_IF_BYTE14
B1h
R/W
MPS_IF_BYTE14[7:0]
0000 0000
MPS_IF_BYTE15
B2h
R/W
MPS_IF_BYTE15[7:0]
0000 0000
MPS_IF_BYTE16
B3h
R/W
MPS_IF_BYTE16[7:0]
0000 0000
MPS_IF_BYTE17
B4h
R/W
MPS_IF_BYTE17[7:0]
0000 0000
MPS_IF_BYTE18
B5h
R/W
MPS_IF_BYTE18[7:0]
0000 0000
MPS_IF_BYTE19
B6h
R/W
MPS_IF_BYTE19[7:0]
0000 0000
MPS_IF_BYTE20
B7h
R/W
MPS_IF_BYTE20[7:0]
0000 0000
MPS_IF_BYTE21
B8h
R/W
MPS_IF_BYTE21[7:0]
0000 0000
MPS_IF_BYTE22
B9h
R/W
MPS_IF_BYTE22[7:0]
0000 0000
MPS_IF_BYTE23
BAh
R/W
MPS_IF_BYTE23[7:0]
0000 0000
Table 83.
I2C-bus registers of memory page 10h[1] …continued
Register
Sub
addr
R/W
Bit
Default value
7 (MSB)
6
5
4
3
2
1
0 (LSB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com