Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA9983BHW/8/C1 Datasheet(PDF) 77 Page - NXP Semiconductors

Part # TDA9983BHW/8/C1
Description  HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA9983BHW/8/C1 Datasheet(HTML) 77 Page - NXP Semiconductors

Back Button TDA9983BHW/8/C1 Datasheet HTML 73Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 74Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 75Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 76Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 77Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 78Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 79Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 80Page - NXP Semiconductors TDA9983BHW/8/C1 Datasheet HTML 81Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 119 page
background image
TDA9983B_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 20 May 2008
77 of 119
NXP Semiconductors
TDA9983B
150 MHz pixel rate HDMI transmitter
84h
AUD_IF_BYTE1
7 to 4 AUD_IF_CT[3:0]
R/W
audio InfoFrame coding type:
audio coding type
0000*
refer to stream header
0001
IEC 60958 PCM
0010
AC-3
0011
MPEG1
0100
MP3
0101
MPEG2
0110
AAC
0111
DTS
1000
ATRAC
other
undefined
3
reserved
R/W
0*
reserved bit
2 to 0 AUD_IF_CC[2:0]
R/W
audio InfoFrame channel count:
audio channel count
000*
refer to stream header
001
2 channels
010
3 channels
011
4 channels
100
5 channels
101
6 channels
110
7 channels
111
8 channels
85h
AUD_IF_BYTE2
7 to 5 reserved
R/W
000*
reserved (shall be zero)
4 to 2 AUD_IF_SF[2:0]
R/W
audio InfoFrame sampling
frequency: sampling frequency
000*
refer to stream header
001
32 kHz
010
44.1 kHz (CD)
011
48 kHz
100
88.2 kHz
101
96 kHz
110
176.4 kHz
111
192 kHz
1 to 0 AUD_IF_SS[1:0]
R/W
audio InfoFrame sample size:
sample size
00*
refer to stream header
01
16 bits
10
20 bits
11
24 bits
Table 87.
AUD_IF_xx registers (address 80h to 9Eh) bit description …continued
Legend: * = default value
Address Register
Bit
Symbol
Access Value
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com