Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C5NPD0-DS Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # C5NPD0-DS
Description  C-5 Network Processor Silicon Revision D0
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5NPD0-DS Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button C5NPD0-DS Datasheet HTML 21Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 22Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 23Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 24Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 25Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 26Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 27Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 28Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 100 page
background image
External Mode
25
V 04
simultaneously supports multiple application-defined tables and multiple search
strategies, such as those needed for routing, circuit switching, and QoS lookup tasks.
The C-5 NP uses external 64bit wide ZBT Pipelined Bursting Static RAM (SRAM) modules
(at frequencies to 133MHz) for storage of its tables. These modules allow implementation
of tables with 220 x 64bit entries at a cycle time of up to 7.5 nanoseconds using 4Mbit
SRAM technology. The maximum amount of memory supported by the TLU is 32MBytes
in four banks.
External Mode
There is support for external devices. Refer to the C-5 Archictecture Guide.
Queue Management Unit
The Queue Management Unit (QMU) autonomously manages a number of
application-defined descriptor queues. It handles inter-CP and inter-C-5 NP descriptor
flows by providing switching and buffering. It also performs descriptor replication for
multicast applications. A number of queues can be assigned to each CPRC for QoS-based
services.
The QMU provides a queuing engine internal to the chip and uses external SRAM to store
the descriptors. Scheduling is done by the CPs. The QMU supports up to 512 queues and
16, 384 descriptor buffers. A descriptor buffer holds an application-defined “descriptor”,
which is a structure that defines the payload buffer handle and other attributes of the
forwarded cell or packet.
The QMU’s external SRAM interface uses ZBT synchronous SRAMs organized in a single
bank of up to 128k, 32bit words. This interface runs at half (1/
2) the core clock frequency.
Table 4 TLU SRAM Configurations
SRAM TECHNOLOGY*
* For (n x 32) parts, divide total memory and number of parts by two.
MIN TABLE SIZE
(ONE BANK)
NO. OF
PARTS
MAXIMUM TABLE SIZE
(FOUR BANKS)
NO. OF
PARTS
1Mbit (32k x 32)
256kBytes
2
1MBytes
8
2Mbit (64k x 32)
512kBytes
2
2MBytes
8
4Mbit (256k x 18)
2MBytes
4
8MBytes
16
8Mbit (512k x 18
4MBytes
4
16MBytes
16
16Mbit (1M x 18)
8MBytes
4
32MBytes
16
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com