Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C5NPD0-DS Datasheet(PDF) 47 Page - Freescale Semiconductor, Inc

Part # C5NPD0-DS
Description  C-5 Network Processor Silicon Revision D0
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5NPD0-DS Datasheet(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button C5NPD0-DS Datasheet HTML 43Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 44Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 45Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 46Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 47Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 48Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 49Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 50Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 100 page
background image
Pin Descriptions Grouped by Function
47
V 04
BMU SDRAM Interface
Signals
The BMU and SDRAM interface signals are described in Table 23.
The BMU is designed to support SDRAM devices with 12 address lines. All 139 data lines
and all 12 address lines must be connected to the SDRAM in order for the BMU to be able
to read and write external SDRAM properly.
Table 22 Power X Mode, C-5 Network Processor to Fabric Interface Pin Mapping
RECEIVE SIGNALS
TRANSMIT SIGNALS
C-5 NETWORK
PROCESSOR
I/O
POWER X
NOTE
C-5 NETWORK
PROCESSOR
I/O
POWER X
NOTE
FRXCTL0
Input
RxCtrl[0]
Pulldown
FTXCTL0
Output
TxCtrl[0]
Pulldown or nc
FRXCTL1
Input
RxCtrl[1]
Pulldown
FTXCTL1
Output
TxCtrl[1]
Pulldown or nc
FRXCTL2
Input
RxCtrl[2]
Pulldown
FTXCTL2
Output
TxCtrl[2]
Pulldown or nc
FRXCTL3
Input
RxPrty[3]
FTXCTL3
Output
TxPrty[3]
FRXCTL4
Input
RxPrty[2]
FTXCTL4
Output
TxPrty[2]
FRXCTL5
Input
RxPrty[1]
FTXCTL5
Output
TxPrty[1]
FRXCTL6
Input
RxPrty[0]
FTXCTL6
Output
TxPrty[0]
Table 23 BMU SDRAM Interface Signals
SIGNAL NAME
PIN #
TOTAL
TYPE
I/O
SIGNAL DESCRIPTION
MD0 - MD129
R29, Q28, P28, S28, R28, P29, R27,
Q26, P26, S26, R26, P27, R25, Q24,
P24, S24, R24, P25, S22, R23, R22,
N29, M28, L28, J29, O28, N28, L29,
K28, N27, M26, L26, J28, O26, N26,
L27, K26, N25, M24, L24, J27, O24,
N24, L25, K24, P22, M22, K22, J23,
Q22, N23, L22, J25, O22, L23, J26,
J22, P23, N22, L21, J24, B29, D29,
F29, A28, C28, E28, G28, B28, D28,
F28, B27, D27, F27, A26, C26, E26,
B26, D26, F26, G26, B25, D25, F25,
A24, C24, E24, B24, D24, F24, B23,
D23, F23, G24, A22, C22, E22, B22,
D22, F22, B21, D21, F21, A20, C20,
E20, G22, B20, D20, F20, B19, D19,
F19, A18, C18, E18, B18, D18, F18,
G20, B17, D17, F17, A16, C16, E16,
B16, D16, F16, B15
130
LVTTL
I/O
Data Lines In
MDECC0 - MDECC8 G16, F15, F14, E14, D15, D14, C14,
B14, A14
9
LVTTL
I/O
Stored as data, ECC bits
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com