Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C5NPD0-DS Datasheet(PDF) 97 Page - Freescale Semiconductor, Inc

Part # C5NPD0-DS
Description  C-5 Network Processor Silicon Revision D0
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5NPD0-DS Datasheet(HTML) 97 Page - Freescale Semiconductor, Inc

Back Button C5NPD0-DS Datasheet HTML 92Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 93Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 94Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 95Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 96Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 97Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 98Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 99Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 100Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 97 / 100 page
background image
INDEX
99
V 04
M
MDIO Serial Interface Timing Description 84
MDIO Serial Interface Timing Diagram 84
MDIO Serial Interface Timing Specifications 83
Measurements
C-5 Network Processor 94
Mechanical Specifications 93
Miscellaneous Test Signals for JTAG, Scan, and Internal Test
Routines 53
N
No Connection Pins 53
O
OC-12 Signals 38
OC-12 Timing Description 81
OC-12 Timing Specifications 81
OC-3 Signals 37
OC-3 Timing Description 80
OC-3 Timing Diagram 80
OC-3 Timing Specifications 79
Operating Conditions, Recommended 67
P
Package Measurements 94
PCI Signals 39
PCI Timing Description 83
PCI Timing Diagram 82
PCI Timing Specifications 82
Pin Descriptions
Grouped by Function 28
Pin Locations 28
Pin Number Signals Groups 53
Pinout Diagram 27
Power and Ground Connections (Bottom View) 52
Power Sequencing 69, 70
Power Supply Signals 50
Power X Mode, Fabric Interface Pin Mapping 47
PRIZMA Mode, C-5 Network Processor to Fabric Interface Pin
Mapping 46
Processor, Executive 22
Processor, Fabric 24
PROM Interface Diagram 42
PROM Interface Signals 41
PROM Interface Timing Description 86
PROM Interface Timing Diagram 86
PROM Interface Timing Outline 43
PROM Interface Timing Specifications 85
Q
QMU Signal Groups 92
QMU SRAM Interface Signals 50
QMU Timing Description 91
QMU Timing Diagram 91
QMU Timing Specifications 91
Queue Management Unit 25
R
Recommended Operating Conditions 67
Register
IDcode 64
JTAG Instruction 65
Related Product Documentation 17
revision history, for this guide 15
S
Serial Interface Signals 40
Serial Port Signals 41
Signal
General System Interface 43
Signal Descriptions 27
Signal Summary 27
Signals
10/100 Ethernet 32
BMU SDRAM Interface 47
Channel Processor Interface 30
Clock 29
Clock and Reference 29
DS1/T1 Framer Interface 32
Fabric Processor Interface 44
Grouped by Pin Number 53
OC-12 38
OC-3 37
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com