Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C5NPD0-DS Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # C5NPD0-DS
Description  C-5 Network Processor Silicon Revision D0
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5NPD0-DS Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button C5NPD0-DS Datasheet HTML 49Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 50Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 51Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 52Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 53Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 54Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 55Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 56Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 100 page
background image
Signals Grouped by Pin Number
53
V 04
During JTAG, SCLK and SCLKX must remain as differential inputs.
No Connection Pins
No connection pins are listed in Table 29.
Signals Grouped by Pin
Number
The C-5 NP signals are listed by pin number in Table 30.
Table 28 Miscellaneous Test Signals For JTAG, Scan, and Internal Test Routines
SIGNAL NAME
PIN #
TOTAL
TYPE
SIGNAL DESCRIPTION
JTCK
T11
1
LVTTL
Test Clock
JTMS*
Z15
1
LVTTL
Test Mode Select. High selects modes
as defined in the IEEE 1149.1 JTAG
specification.
JTRSTX†
X15
1
LVTTL
Test Reset (low active)
JTDI†
AB15
1
LVTTL
Test Data In
JTDO
V15
1
LVTTL
Test Data Out
JHIGHZ
T12
1
LVTTL
Turns off all output drivers when High
JCLKBYP
T13
1
LVTTL
1X or 2X Clock Mode Select. Low
selects 1X, High selects 2X.
JSE
S12
1
LVTTL
Scan Enable. High enables scan test.
JS00-JS09
L12, N13, N12, P13, P12, Q12, R13, R12,
R11, R10
10
LVTTL
Scan Out Pins
TOTAL PINS
18
* According to the IEEE 1149.1 specification, the JTMS, JTRST, and JTDI pins must have internal pullups. While the C-5 NP does not currently have pads
with pullups, customers can pull up these three pins on the board.
Table 29 No Connection Pins
SIGNAL NAME
PIN #
TOTAL
TYPE
SIGNAL DESCRIPTION
NC1 - NC11
I18, H17, H18, N10, P10, N11, P11, U14,
V14, U16, V16
11
nc
Reserved for future functionality
TOTAL PINS
11
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com