Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C5NPD0-DS Datasheet(PDF) 43 Page - Freescale Semiconductor, Inc

Part # C5NPD0-DS
Description  C-5 Network Processor Silicon Revision D0
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5NPD0-DS Datasheet(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button C5NPD0-DS Datasheet HTML 39Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 40Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 41Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 42Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 43Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 44Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 45Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 46Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 100 page
background image
Pin Descriptions Grouped by Function
43
V 04
7 SPLD is asserted for one SPCLK cycle, loading the first PROM_DATA into the network
processor PROM_RETURN_DATA register and the second PROM_DATA into the
external shift register.
8 SPLD is deasserted for 22 SPCLK cycles, shifting the second PROM_DATA into the
network processor internal shift register.
9 SPLD is asserted for one SPCLK cycle, loading the second PROM_DATA into the
network processor PROM_RETURN_DATA register.
Figure 5 PROM Interface Timing Outline
General System Interface Signal
Table 17 provides the signal for the Executive Processor reset power status and I/O clock.
The C-5 NP can be powered up with the XP either running or with the XP in reset mode
similar to the CPs. When the XP remains in reset mode, an external host can be used to
control the initialization of the C-5 NP.
SPCLK
SPLD
12
45
678
9
11
10
12 13 14 15 16 17 18 19 20 21 22 23 12
3
4
567
89
10 11 12 13 14 15 16 17 18 19 20 21 22 23 1
2
3
4
5
6
7
8
9
10 11 12 13 14 15 16 17 18
20
19
21 22 23 1
2
3
4
5
6
7
x
A
20
A
19
A
18
SPDTO
A
17
A
16
A
15
A
14
A
13
A
12
A
11
A
10
A
9
A
8
A
7
A
6
A
5
A
4
A
3
A
2
A
1
A
0
CE
The PROM_ADDR is loaded into the
C-5’s internal shift register.
The PROM_ADDR is shifted into
the external shift register.
(SPCLK Rising Edge used for shifting)
The PROM_ADDR is loaded into the
external presentation register.
The PROM_DATA is
presenting.
The PROM_DATA is loaded into the
external shift register.
The PROM_DATA is shifted into the C-5’s
Internal shift register.
The PROM_DATA is loaded into the C-5’s
internal PROM_RETURN_DATA register.
SPDTI
x
D
15
D
14
D
13
D
12
D
11
D
10
D
9
D
8
D
7
D
6
D
5
D
4
D
3
D
2
D
1
D
0
xx
xxxx
XP PROM Interface outline
XP PROM Interface detail
SPLD
SPDTO
SPDTI
‘
‘
A1
A2
‘
‘
‘
A3
A4
A5
D1
D2
D3
D1
D2
A1
A2
A3
A4
1
2
3
4
5
6
7
8
9
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com