Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM0223 Datasheet(PDF) 106 Page - STMicroelectronics

Part # PM0223
Description  This programming manual provides information for application and system-level software developers
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0223 Datasheet(HTML) 106 Page - STMicroelectronics

Back Button PM0223 Datasheet HTML 102Page - STMicroelectronics PM0223 Datasheet HTML 103Page - STMicroelectronics PM0223 Datasheet HTML 104Page - STMicroelectronics PM0223 Datasheet HTML 105Page - STMicroelectronics PM0223 Datasheet HTML 106Page - STMicroelectronics PM0223 Datasheet HTML 107Page - STMicroelectronics PM0223 Datasheet HTML 108Page - STMicroelectronics PM0223 Datasheet HTML 109Page - STMicroelectronics PM0223 Datasheet HTML 110Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 106 / 110 page
background image
STM32L0 Core Peripherals
PM0223
106/110
DocID025763 Rev 1
STR R1, [R0, #0x0]
; Region Number
STR R4, [R0, #0x4]
; Region Base Address
STRH R2, [R0, #0x8]
; Region Size and Enable
STRH R3, [R0, #0xA]
; Region Attribute
Software must use memory barrier instructions:
•
Before MPU setup if there might be outstanding memory transfers, such as buffered
writes, that might be affected by the change in MPU settings.
•
After MPU setup if it includes memory transfers that must use the new MPU settings.
However, an instruction synchronization barrier instruction is not required if the MPU setup
process starts by entering an exception handler, or is followed by an exception return,
because the exception entry and exception return mechanism cause memory barrier
behavior.
For example, if you want all of the memory access behavior to take effect immediately after
the programming sequence, use a DSB instruction and an ISB instruction. A DSB is required
after changing MPU settings, such as at the end of context switch. An ISB is required if the
code that programs the MPU region or regions is entered using a branch or call. If the
programming sequence is entered using a return from exception, or by taking an exception,
then you do not require an ISB.
Subregions
Regions are divided into eight equal-sized subregions. Set the corresponding bit in the SRD
field of the MPU_RASR to disable a subregion, see MPU Region Attribute and Size Register
on page 103. The least significant bit of SRD controls the first subregion, and the most
significant bit controls the last subregion. Disabling a subregion means another region
overlapping the disabled range matches instead. If no other enabled region overlaps the
disabled subregion the MPU issues a fault.
Example of SRD use
Two regions with the same base address overlap. Region one is 128KB, and region two is
512KB. To ensure the attributes from region one apply to the first 128KB region, set the
SRD field for region two to b00000011 to disable the first two subregions, as the figure
shows.
Figure 13. Example of SRD use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com