Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP3SP33SMS/NOPB Datasheet(PDF) 143 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 143 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 139Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 140Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 141Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 142Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 143Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 144Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 145Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 146Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 147Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
GPIO FIELD
I/O
DESCRIPTION
0000
Input
Audio input clock at 256× or 512× oversampling rate
0001
Output
ADC1 Clock
0010
Output
ADC2 Clock
0011
Output
DIGMIC1 Clock
0100
Output
DAC Clock
0101
Output
ADC1 Serial Data Stream
0110
Output
ADC2 Serial Data Stream
0111
Output
Left Channel DAC Serial Data Stream
1000
Output
Right Channel DAC Serial Data Stream
1001
Output
Sidetone Left Overflow
1010
Output
Sidetone Right Overflow
1011
Output
DIGMIC Overflow
1100
Output
1
1101
Output
0
>1101
N/A
Reserved
SFTRST
The Soft Reset bit is used to reset the codec independently of a system reset. The codec is
safely reset by setting and then clearing this bit. After the bit is cleared, configuration
registers remain unchanged. The ADC and DAC FIFOs are flushed. Pending interrupts and
DMA requests are cleared. The ADCs and DAC, if enabled, enter their start-up routines to
ensure no noise (click and pop) is heard.
0 – Normal operation.
1 – Soft reset.
20.10.18 Codec Monitor Control/Status Register (TCDCMONITOR)
The TCDCMONITOR register is a 16-bit, read/write register that configures the DC protection monitor. The
monitor ensures that, if the system hangs, harmful DC outputs are not driven to external devices such as
speakers. The monitor is enabled by default. When triggered, it will flush the DAC FIFOs. If the SDE bit is
set and the number of DC protection events exceeds a programmable limit, the protection monitor will also
shut down the stereo DAC. After reset, this register is cleared to 0000h.
15
14
13
11
10
9
0
Reserved
SDE
SDLIMIT
MD
DCLIMIT
DCLIMIT
The DC Limit field specifies the number of times a sample can have the same value before
the DC protection monitor is triggered to protect the external device. If the number is less
than 16, a default value of 1023 is used.
MD
The Monitor Disable bit allows software to disable the monitor. By default, the monitor is
enabled until software sets this bit.
0 – Monitor enabled.
1 – Monitor disabled.
SDLIMIT
The Shutdown Limit field is used to specify the number of DC protection events which may
occur before the stereo DAC is shut down. To clear the shutdown condition, software must
respond to the DACDOWN interrupt.
SDE
The Shutdown Enable bit enables stereo DAC shutdown when the monitor is triggered. If a
shutdown event occurs, the stereo DAC remains shut down until this bit is cleared.
0 – DAC shutdown disabled.
1 – DAC shutdown enabled.
Copyright © 2013, Texas Instruments Incorporated
Telematics Codec
143
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com