Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP3SP33SMS/NOPB Datasheet(PDF) 147 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 147 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 143Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 144Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 145Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 146Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 147Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 148Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 149Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 150Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 151Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 407 page
background image
VBUS
USB
Connector
UGND
DS342
D+
D-
CP3SP33
1
2
3
4
Ÿ
Ÿ
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
•
Peripheral Mode—the USB controller encodes, decodes, checks, and directs all USB packets sent and
received. IN transactions are handled through the device’s Tx FIFOs, and OUT transactions are
handled through its Rx FIFOs. If a FIFO becomes full during an OUT transaction or empty during an IN
transaction, a NAK handshake packet is automatically returned to the host. A NAK packet is also
returned for any endpoint that has interrupts disabled. Peripheral mode is used when the device is
acting as a peripheral to a standard USB host or as a peripheral in point-to-point communications.
Control, Bulk, Isochronous, and Interrupt transactions are supported.
•
Host Mode—the USB controller acts as the host in point-to-point communication with another USB
device. In this mode, it can communicate with another device (but not a hub), that supports Control,
Bulk, Isochronous, or Interrupt transactions. IN transactions are handled through the Rx FIFOs, and
OUT transactions are handled through the Tx FIFOs. As well as encoding, decoding, and checking the
USB packets being sent and received, the USB controller automatically schedules Isochronous
endpoints and Interrupt endpoints to perform one transaction every n frames, in which n represents the
polling interval that has been programmed for the endpoint. The remaining bus bandwidth is shared
equally among the Control and Bulk endpoints. Only one downstream device can be supported in Host
mode.
21.2 USB Connector Interface
21.2.1 USB 2.0
A full-speed USB 2.0 interface requires 22
Ω series resistors on the D+ and D– data signals, to meet the
impedance specification for these signals, as shown in Figure 21-2.
Figure 21-2. USB 2.0 Connector Interface
21.2.2 USB On-The-Go
Additional signals are used to implement USB On-The-Go features, as shown in Figure 21-3.
Copyright © 2013, Texas Instruments Incorporated
USB Controller
147
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com