Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP3SP33SMS/NOPB Datasheet(PDF) 148 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 148 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 144Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 145Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 146Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 147Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 148Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 149Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 150Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 151Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 152Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 407 page
background image
UVCC
+3.3V
USB OTG
Connector
UGND
DS341
D+
Ÿ
D-
Ÿ
CP3SP33
1 2
3
4 5
VBUS
IDPULLUP
IDDIG
DRVVBUS
+3.3V
+5V
N Ÿ
N Ÿ
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
Figure 21-3. USB On-The-Go Connector Interface
For point-to-point communications, the device may also be required to power the VBUS to 5V as the A
device of the connection (source of power and default host) or, as the B device (default peripheral), to be
able to wake the A device by charging VBUS to 2V. A 100k
Ω pulldown resistor on the DRVVBUS output is
recommended to ensure that VBUS is not pulled high during reset.
Whether the USB controller initially operates in Host mode or in Peripheral mode depends on whether it is
being used in an A device or a B device, which in turn depends on whether the IDDIG input is low or high.
When the USB controller is operating as an A device, it is initially configured to operate in Host mode.
When operating as a B device, the USB controller is initially configured to operate in Peripheral mode.
However, the HOSTREQ bit in the DEVCTL register can be used to request that a B device becomes the
Host the next time there is no activity on the USB bus.
The IDDIG input reflects the state of the ID pin of the device’s mini-AB receptacle, with IDDIG being low
indicating an A plug and operation as an A device, and IDDIG being high indicating a B plug and operation
as a B device.
Information on whether the USB controller is acting as an A device or as a B device is indicated in the
DEVCTL register, along with information about the level of VBUS relative to the high and low voltage
thresholds used to signal Session Start and Session End.
21.3 USB Controller Register Set
The USB controller common registers affect all endpoints. In addition, for each endpoint there is an
endpoint-specific register bank. There is an indexed addressing mechanism for accessing the endpoint-
specific register banks, and there are also non-indexed images of each register bank. Either the indexed
or the non-indexed images may be used to access these registers. The INDEX register selects the
register bank accessible in the image at FF 0810h.
Table 21-2 lists the USB controller common registers, Table 21-3 lists the endpoint-specific registers in a
bank, and Table 21-4 lists the register banks.
Table 21-2. USB Common Interface Registers
NAME
ADDRESS
DESCRIPTION
FADDR
FF 0800h
Function Address Register
POWER
FF 0801h
Power Management Register
INTRTX
FF 0802h
Interrupt Register for Endpoint 0 and Tx Endpoints 1-3
INTRRX
FF 0804h
Interrupt Register for Rx Endpoints 1-3
148
USB Controller
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com