Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP3SP33SMS/NOPB Datasheet(PDF) 138 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 138 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 134Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 135Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 136Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 137Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 138Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 139Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 140Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 141Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 142Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 407 page
background image
CP3SP33
SNOSCW5 – MAY 2013
www.ti.com
20.10.6 Codec ADC Clock Control Register n (TCDCADCnCLK)
The TCDCADCnCLK registers are 16-bit, read/write registers that configure the ADC clock sources.
These registers must only be programmed when the corresponding ADC is disabled. At reset, these
registers are cleared to 0000h.
15
12
11
10
8 7
0
Reserved
CLKTIE
ADCCLKSRC
ADCCLKDIV
ADCCLKDIV
The ADC Clock Divisor field specifies the ADC clock period in terms of half-cycles of
the input clock. The field is biased by 1, so to get a period of 4 half-cycles, load this
field with 3. A value of zero disables the clock.
ADCCLKSRC
The ADC Clock Source field selects the clock source for the ADC clock divisor.
Independent clock sources can be programmed for each ADC and the DAC, to allow
each section of the codec to run from different clocks. If the sidetone is used, ADC1
and the DAC must run from the same clock source at the same sample and
oversampling rate. Although PLL1 and PLL2 clocks are available as ADC clock
sources, it is recommended to use Auxiliary Clock 4 when a timebase derived from a
PLL is desired.
ADCCLKSRC FIELD
SOURCE
000
PCLK Clock
001
TCIO1 Input
010
PLL2 Clock
011
I2SCLK Input
100
AAI SCK Input
101
Auxiliary Clock 4
110
PLL1 Clock
111
Clock Disabled
CLKTIE
The Clock Tie bit is used to drive the ADC clock from the DAC clock, which causes the
ADCCLKDIV and ADCCLKSRC fields to be ignored. Only the input clock source and
clock divisor are affected by the CLKTIE bit.
0 – ADC clock independent of DAC clock.
1 – ADC clock driven by DAC clock.
20.10.7 Codec DAC Clock Control Register (TCDCDACCLK)
The TCDCDACCLK register is a 16-bit, read/write register that configures the DAC clock source. This
register must only be programmed when the DAC is disabled. At reset, this register is cleared to 0000h.
15
14
13
12
11 10
8 7
0
Reserved
SEL6_144
DACRNG
DACCLKSRC
DACCLKDIV
DACCLKDIV
The DAC Clock Divisor field specifies the DAC clock period in terms of half-cycles of
the input clock. The field is biased by 1, so to get a period of 4 half-cycles, load this field
with 3. A value of zero disables the clock.
DACCLKSRC
The DAC Clock Source field selects the clock source for the DAC clock divisor.
Independent clock sources can be programmed for each ADC and the DAC, to allow
each section of the codec to run from different clocks. If the sidetone is used, ADC1 and
the DAC must run from the same clock source at the same sample and oversampling
rate. Although PLL1 and PLL2 clocks are available as ADC clock sources, it is
recommended to use Auxiliary Clock 4 when a timebase derived from a PLL is desired.
138
Telematics Codec
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com