Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CP3SP33SMS/NOPB Datasheet(PDF) 137 Page - Texas Instruments

Part # CP3SP33SMS/NOPB
Description  Connectivity Processor with Cache, DSP, and Bluetooth짰, USB, and Dual CAN Interfaces
PDF  407 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CP3SP33SMS/NOPB Datasheet(HTML) 137 Page - Texas Instruments

Back Button CP3SP33SMS/NOPB Datasheet HTML 133Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 134Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 135Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 136Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 137Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 138Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 139Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 140Page - Texas Instruments CP3SP33SMS/NOPB Datasheet HTML 141Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 407 page
background image
CP3SP33
www.ti.com
SNOSCW5 – MAY 2013
GAIN
MAX. INPUT
RECOMMENDED INPUT
MICGAIN FIELD
(db)
(mVpp)
(mVpp)
0
0
500
354
1
1.8
406
287
10
4.1
312
220
11
6
251
177
100
7.8
204
144
101
10.1
156
111
110
12
126
88.8
111
14.5
94.2
66.6
1000
16.1
78.3
55.4
1001
18.1
62.2
44
1010
20.6
46.7
33
1011
22.1
39.3
27.8
1100
24.1
31.2
22
1101
26.6
23.4
16.5
1110
28.2
19.5
13.8
1111
30.1
15.6
11.1
MICMODE The Microphone Mode field configures the analog microphone input.
0 – Differential (TCMICnP and TCMICnN inputs).
1 – Single-ended (TCMICnP input only).
MICSEL
The Microphone Select bit selects between the analog and digital microphone inputs. When
a digital microphone is selected, the TCIO1 pin is configured as an output clock at 125×
oversampling rate, without regard to the GPIO registers. The digital microphone is a four-pin
device which will take the ADC clock and produce a sigma-delta stream suitable for the
decimator.
0 – Analog input.
1 – Digital input.
MUTE
The Mute bit enables muting the microphone input. For ADC1, muting is applied to both
analog and digital inputs. For ADC2, only the analog input is muted.
0 – Muting disabled.
1 – Muting enabled.
HPF
The High Pass Filter field controls the high-pass filter applied to the output of the ADC,
typically used for eliminating wind/road/pop noise. The HPF has two options, to enable the
ADC to be used at 8 kHz and 16 kHz sample rates without altering the HPF response.
HPF FIELD
DESCRIPTION
8 kHz
16 kHz
00
Bypass
Bypass
01
–0.5dB Point at 300 Hz
–0.5dB Point at 600 Hz
Notch at 55 Hz (recommended)
Notch at 110 Hz
10
–0.5dB Point at 150 Hz
–0.5dB Point at 300 Hz
Notch at 27 Hz
Notch at 55 Hz (recommended)
11
Reserved
Reserved
From 16 kHz to 24 kHz the HPF roll-off options will be too high frequency for most applications, so
it is recommended that the filter is bypassed above 16 kHz. Simple voice applications rarely
require sample rates above 16 kHz. It is recommended that for higher quality applications in which
24 kHz recording is required, a signal conditioning algorithm to remove unwanted LF should be
used.
Copyright © 2013, Texas Instruments Incorporated
Telematics Codec
137
Submit Documentation Feedback
Product Folder Links :CP3SP33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com