Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7340
Description  USB 3.0 xHCI Host Controller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7340 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TUSB7340 Datasheet HTML 14Page - Texas Instruments TUSB7340 Datasheet HTML 15Page - Texas Instruments TUSB7340 Datasheet HTML 16Page - Texas Instruments TUSB7340 Datasheet HTML 17Page - Texas Instruments TUSB7340 Datasheet HTML 18Page - Texas Instruments TUSB7340 Datasheet HTML 19Page - Texas Instruments TUSB7340 Datasheet HTML 20Page - Texas Instruments TUSB7340 Datasheet HTML 21Page - Texas Instruments TUSB7340 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 117 page
background image
TUSB7320, TUSB7340
SLLSE76M – MARCH 2011 – REVISED JULY 2015
www.ti.com
Programming (continued)
Figure 6. Serial-Bus Protocol - Byte Read
Figure 7 illustrates the serial interface protocol during a multi-byte serial EEPROM download. The serial-bus
protocol starts exactly the same as a 1-byte read. The only difference is that multiple data bytes are transferred.
The number of transferred data bytes is controlled by the host controller master. After each data byte, the host
controller master issues acknowledge (logic low) if more data bytes are requested. The transfer ends after a host
controller master no acknowledge (logic high) followed by a stop condition.
Figure 7. Serial-Bus Protocol - Multibyte Read
Bit 7 (PROT_SEL) in the serial-bus control and status register changes the serial-bus protocol. Each of the three
previous serial-bus protocol figures illustrates the PROT_SEL bit default (logic low). When this control bit is
asserted, the word address and corresponding acknowledge are removed from the serial-bus protocol. This
feature allows the system designer a second serial-bus protocol option when selecting external EEPROM
devices.
7.4.1.3 Serial-Bus EEPROM Application
A serial EEPROM interface is implemented to pre-load several registers. The registers and corresponding bits
that are loaded through the EEPROM are provided in Table 4.
Table 4. EEPROM Register Loading Map
SERIAL EEPROM WORD ADDRESS
BYTE DESCRIPTION
00h
TUSB73X0 Function Indicator (00h)
01h
Number of Bytes (19h)
02h
PCI D0h, Subsystem Vendor ID, Byte 0
03h
PCI D1h, Subsystem Vendor ID, Byte 1
04h
PCI D2h, Subsystem ID, Byte 0
05h
PCI D3h, Subsystem ID, Byte 1
06h
PCI D4h, General Control 0, Byte 0
07h
PCI D5h, General Control 0, Byte 1
08h
PCI D8h, General Control 1, Byte 0
18
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com