Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340 Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7340
Description  USB 3.0 xHCI Host Controller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7340 Datasheet(HTML) 57 Page - Texas Instruments

Back Button TUSB7340 Datasheet HTML 53Page - Texas Instruments TUSB7340 Datasheet HTML 54Page - Texas Instruments TUSB7340 Datasheet HTML 55Page - Texas Instruments TUSB7340 Datasheet HTML 56Page - Texas Instruments TUSB7340 Datasheet HTML 57Page - Texas Instruments TUSB7340 Datasheet HTML 58Page - Texas Instruments TUSB7340 Datasheet HTML 59Page - Texas Instruments TUSB7340 Datasheet HTML 60Page - Texas Instruments TUSB7340 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 117 page
background image
TUSB7320, TUSB7340
www.ti.com
SLLSE76M – MARCH 2011 – REVISED JULY 2015
Table 106. De-Emphasis and Swing Control Register Description (continued)
BIT
FIELD NAME
ACCESS
DESCRIPTION
Port 4 Deemphasis. When the PORT4_DE_OV bit is set to 1, these bits
are used to set the de-emphasis value for port 4. For details on the
27:24
PORT4_DE(1)
rw
behavior of the swing signals refer to Table 2. For the TUSB7320 Port 4
is not present and these bits have no effect.
Port 3 Swing. When the PORT3_SWING_OV bit is set to 1 these bits are
used to set the output swing for port 3. For details on the behavior of the
23:20
PORT3_SWING(1)
rw
swing signals refer to Table 1. For the TUSB7320 Port 3 is not present
and these bits have no effect.
Port 3 Deemphasis. When the PORT3_DE_OV bit is set to 1 these bits
are used to set the de-emphasis value for port 3. For details on the
19:16
PORT3_DE(1)
rw
behavior of the swing signals refer to Table 2. For the TUSB7320 Port 3
is not present and these bits have no effect.
Port 2 Swing. When the PORT2_SWING_OV bit is set to 1, these bits
15:12
PORT2_SWING(1)
rw
are used to set the output swing for port 2.For details on the behavior of
the swing signals refer to Table 1.
Port 2 Deemphasis. When the PORT2_DE_OV bit is set to 1 these bits
11:8
PORT2_DE(1)
rw
are used to set the de-emphasis value for port 2. For details on the
behavior of the swing signals refer to Table 2.
Port 1 Swing. When the PORT1_SWING_OV bit is set to 1, these bits
7:4
PORT1_SWING(1)
rw
are used to set the output swing for port 1. For details on the behavior of
the swing signals refer to Table 1.
Port 1 Deemphasis. When the PORT1_DE_OV bit is set to 1, these bits
3:0
PORT1_DE(1)
rw
are used to set the de-emphasis value for port 1. For details on the
behavior of the swing signals refer to Table 2.
7.5.1.66 Equalizer Control Register
This register is used to control the equalizer settings for each of the USB 3.0 ports when the default setting is
overridden through the Custom PHY Transmit/Receive Control Register. This register is reset by a PCI Express
reset (PERST#), a GRST#, or the internally-generated power-on reset.
PCI register offset: E8h
Register type: Read/Write
Default value: 0000 0000h
Table 107. PCI Register E8h
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
State
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
State
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
57
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com