Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340 Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7340
Description  USB 3.0 xHCI Host Controller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7340 Datasheet(HTML) 71 Page - Texas Instruments

Back Button TUSB7340 Datasheet HTML 67Page - Texas Instruments TUSB7340 Datasheet HTML 68Page - Texas Instruments TUSB7340 Datasheet HTML 69Page - Texas Instruments TUSB7340 Datasheet HTML 70Page - Texas Instruments TUSB7340 Datasheet HTML 71Page - Texas Instruments TUSB7340 Datasheet HTML 72Page - Texas Instruments TUSB7340 Datasheet HTML 73Page - Texas Instruments TUSB7340 Datasheet HTML 74Page - Texas Instruments TUSB7340 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 117 page
background image
TUSB7320, TUSB7340
www.ti.com
SLLSE76M – MARCH 2011 – REVISED JULY 2015
7.5.3.2.4
Host Controller Structural Parameters 2
This read only register defines basic structural parameters supported by the TUSB73X0.
BAR0 register offset: 08h
Register type: Read-Only
Default value: 0C00 00F1h
Table 137. HC Capability Register 08h
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
No.
Reset
0
0
0
0
1
1
0
0
0
0
0
0
0
0
0
0
State
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
0
0
0
0
0
0
0
0
1
1
1
1
0
0
0
1
State
Table 138. HC Structural Parameters 2 Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
Max Scratchpad Buffers. This field indicates the number of Scratchpad
31:27
MAX_SCRATCH_BUF
r
Buffers system software reserves. The TUSB73X0 uses one Scratchpad
Buffer.
Scratchpad Restore. This bit is 1b to indicate that the TUSB73X0
26
SPR
r
requires the integrity of the Scratchpad Buffer space to be maintained
across power events.
25:13
RSVD
r
Reserved. Returns zeros when read.
12:8
IOC_INTERVAL
r
IOC Interval. This field is 0b.
Event Ring Segment Table Max. This field is 1111b to indicate that the
7:4
ERST_MAX
r
TUSB73X0 supports up to 32K Event Ring Segment Table entries.
Isochronous Scheduling Threshold. This field is 0001b to indicate that
3:0
IST
r
software can add a TRB no later than 1 Microframes before that TRB is
scheduled to be executed.
7.5.3.2.5
Host Controller Structural Parameters 3
This read only register defines basic structural parameters supported by the TUSB73X0.
BAR0 register offset: 0Ch
Register type: Read-Only
Default value: 07FF 00A0h
Table 139. HC Capability Register 0Ch
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
No.
Reset
0
0
0
0
0
1
1
1
1
1
1
1
1
1
1
1
State
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
1
0
1
0
State
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
71
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com