Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340 Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7340
Description  USB 3.0 xHCI Host Controller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7340 Datasheet(HTML) 64 Page - Texas Instruments

Back Button TUSB7340 Datasheet HTML 60Page - Texas Instruments TUSB7340 Datasheet HTML 61Page - Texas Instruments TUSB7340 Datasheet HTML 62Page - Texas Instruments TUSB7340 Datasheet HTML 63Page - Texas Instruments TUSB7340 Datasheet HTML 64Page - Texas Instruments TUSB7340 Datasheet HTML 65Page - Texas Instruments TUSB7340 Datasheet HTML 66Page - Texas Instruments TUSB7340 Datasheet HTML 67Page - Texas Instruments TUSB7340 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 117 page
background image
TUSB7320, TUSB7340
SLLSE76M – MARCH 2011 – REVISED JULY 2015
www.ti.com
Table 119. Bit Descriptions – Uncorrectable Error Severity Register (continued)
BIT
FIELD NAME
ACCESS
DESCRIPTION
Completion Timeout Severity.
14
CPL_TIMEOUT_SEVR(1)
rw
0 – Error Condition is signaled using ERR_NONFATAL
1 – Error Condition is signaled using ERR_FATAL
Flow Control Error Severity. 0 – Error Condition is signaled using
13
FC_ERROR_SEVR(1)
rw
ERR_NONFATAL1 – Error Condition is signaled using ERR_FATAL
Poisoned TLP Severity.
12
PSN_TLP_SEVR (1)
rw
0 – Error Condition is signaled using ERR_NONFATAL
1 – Error Condition is signaled using ERR_FATAL
11:6
RSVD
r
Reserved. Returns zeros when read.
5
RSVD
r
Reserved. Returns 1 when read.
Data Link Protocol Error Severity.
4
DLL_ERROR_SEVR(1)
rw
0 – Error Condition is signaled using ERR_NONFATAL
1 – Error Condition is signaled using ERR_FATAL
3:0
RSVD
r
Reserved. Returns zeros when read.
7.5.2.7 Correctable Error Severity Register
The Correctable Error Status Register reports the status of individual errors as they occur. Software may clear
these bits only by writing a 1 to the desired location.
PCI Express Extended Register Offset: 110h
Register type: Read-Only, Read/Clear
Default value: 0000 0000h
Table 120. PCI Express Extended Register 110h
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
State
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
State
Table 121. Bit Descriptions – Correctable Error Severity Register
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:14
RSVD
r
Reserved. Returns zeros when read.
Advisory Non-Fatal Error Status. This bit is asserted when an Advisory
13
ANFES(1)
rcu
Non-Fatal Error has been reported.
Replay Timer Timeout. This bit is asserted when the replay timer expires
12
REPLAY_TMOUT(1)
rcu
for a pending request or completion that has not been acknowledged.
11:9
RSVD
r
Reserved. Returns zeros when read.
REPLAY_NUM Rollover. This bit is asserted when the replay counter
8
REPLAY_ROLL(1)
rcu
rolls over when a pending request or completion has not been
acknowledged.
Bad DLLP Error. This bit is asserted when an 8b/10b error was detected
7
BAD_DLLP(1)
rcu
by the PHY during the reception of a DLLP.
Bad TLP Error. This bit is asserted when an 8b/10b error was detected
6
BAD_TLP(1)
rcu
by the PHY during the reception of a TLP.
5:1
RSVD
r
Reserved. Returns zeros when read.
Receiver Error. This bit is asserted when an 8b/10b error is detected by
0
RX_ERROR(1)
rcu
the PHY at any time.
(1)
This bit is reset by a PCI Express reset (PERST), a GRST, or the internally generated power-on reset.
64
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com