Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7340
Description  USB 3.0 xHCI Host Controller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7340 Datasheet(HTML) 40 Page - Texas Instruments

Back Button TUSB7340 Datasheet HTML 36Page - Texas Instruments TUSB7340 Datasheet HTML 37Page - Texas Instruments TUSB7340 Datasheet HTML 38Page - Texas Instruments TUSB7340 Datasheet HTML 39Page - Texas Instruments TUSB7340 Datasheet HTML 40Page - Texas Instruments TUSB7340 Datasheet HTML 41Page - Texas Instruments TUSB7340 Datasheet HTML 42Page - Texas Instruments TUSB7340 Datasheet HTML 43Page - Texas Instruments TUSB7340 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 117 page
background image
TUSB7320, TUSB7340
SLLSE76M – MARCH 2011 – REVISED JULY 2015
www.ti.com
Table 58. Device Capabilities Register Description (continued)
BIT
FIELD NAME
ACCESS
DESCRIPTION
Max Payload Size Supported. This field indicates the maximum payload
2:0
MPSS
r
size that the device can support for TLPs. This field is encoded as 011b
indicating the Max Payload size for a TLP is 1 Kbyte.
7.5.1.40 Device Control Register
The Device Control Register controls PCI Express device specific parameters.
PCI register offset: 78h
Register type: Read/Write
Default value: 2810h
Table 59. PCI Register 78h
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
0
0
1
0
1
0
0
0
0
0
0
1
0
0
0
0
State
Table 60. Device Control Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
Initiate Function Level Reset. A write of 1b initiates Function Level Reset
15
INITIATE_FLR
rw
to the Function. The value read by software from this bit is always 0b.
Max Read Request Size. This field is programmed by host software to
set the maximum size of a read request that the TUSB73X0 can
generate. This field is encoded as:
000 – 128B
001 – 256B
14:12
MRRS
rw
010 – 512B (default)
011 – 1024B
100 – 2048B101 – 4096B
110 – Reserved
111 – Reserved
Enable No Snoop. Controls the setting of the “No Snoop” flag within the
TLP header for upstream memory transactions mapped to any traffic
class mapped to a virtual channel other than VC0 through the Upstream
11
ENS
rw
Decode Windows.
0 – No snoop field is 0
1 – No snoop field is 1 (default)
10
APPE
rw
Auxiliary Power PM Enable. This bit is only reset by a Global Reset.
Phantom Function Enable. Because the TUSB73X0 does not support
9
PFE
r
phantom functions this bit is read only zero.
8
ETFE
rw
Extended Tag Field Enable.
7:5
MPS
rw
Max Payload Size.
4
ERO
rw
Enable Relaxed Ordering.
3
URRE
rw
Unsupported Request Reporting Enable.
2
FERE
rw
Fatal Error Reporting Enable.
1
NFERE
rw
Non-Fatal Error Reporting Enable.
0
CERE
rw
Correctable Error Reporting Enable.
40
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com