Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7340
Description  USB 3.0 xHCI Host Controller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7340 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TUSB7340 Datasheet HTML 10Page - Texas Instruments TUSB7340 Datasheet HTML 11Page - Texas Instruments TUSB7340 Datasheet HTML 12Page - Texas Instruments TUSB7340 Datasheet HTML 13Page - Texas Instruments TUSB7340 Datasheet HTML 14Page - Texas Instruments TUSB7340 Datasheet HTML 15Page - Texas Instruments TUSB7340 Datasheet HTML 16Page - Texas Instruments TUSB7340 Datasheet HTML 17Page - Texas Instruments TUSB7340 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 117 page
background image
TUSB7320, TUSB7340
SLLSE76M – MARCH 2011 – REVISED JULY 2015
www.ti.com
When enabled, the receiver equalization logic analyzes data patterns and transition times to determine whether
the low frequency gain of the equalizer should be increased or decreased. For the fully adaptive setting (EQ =
0001), if the low frequency gain reaches the minimum value, the zero frequency is then reduced. Likewise, if it
reaches the maximum value, the zero frequency is then increased.
The decision logic is implemented as a voting algorithm with a relatively long analysis interval. The slow time
constant that results reduces the probability of incorrect decisions but allows the equalizer to compensate for the
relatively stable response of the channel.
Table 3. Receiver Equalizer Configuration
AMPLITUDE REDUCTION
EQ VALUE
LOW-FREQUENCY GAIN
ZERO FREQUENCY
0000
Maximum
-
0001
Fully Adaptive, FTC Normal
0010
Fully Adaptive, FTC Reversed
0011
Hold
0100
0101
Initialize
0110
0111
1000
365 MHz
1001
275 MHz
1010
195 MHz
1011
140 MHz
Partially Adaptive
1100
105 MHz
1101
75 MHz
1110
55 MHz
1111
50 MHz
7.3.2 Input Clock
7.3.2.1 Clock Source Requirements
The TUSB73x0 supports an external oscillator source or a crystal unit. The frequency of the clock source may be
24 MHz or 48 MHz. If a clock is provided to XI instead of a crystal, XO is left open and VSSOSC should be
connected to the PCB ground plane. Otherwise, if a crystal is used, the connection needs to follow the guidelines
below.
Because XI and XO are coupled to other leads and supplies on the PCB, it is important to keep them as short as
possible and away from any switching leads. It is also recommended to minimize the capacitance between XI
and XO. This can be accomplished by connecting the VSSOSC lead to the two external capacitors CL1 and CL2
and shielding them with the clean ground lines. The VSSOSC should not be connected to PCB ground when
using a crystal.
Load capacitance (Cload) of the crystal varying with the crystal vendors is the total capacitance value of the entire
oscillation circuit system as seen from the crystal. It includes two external capacitors CL1 and CL2.
14
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com