Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340 Datasheet(PDF) 99 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7340
Description  USB 3.0 xHCI Host Controller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7340 Datasheet(HTML) 99 Page - Texas Instruments

Back Button TUSB7340 Datasheet HTML 95Page - Texas Instruments TUSB7340 Datasheet HTML 96Page - Texas Instruments TUSB7340 Datasheet HTML 97Page - Texas Instruments TUSB7340 Datasheet HTML 98Page - Texas Instruments TUSB7340 Datasheet HTML 99Page - Texas Instruments TUSB7340 Datasheet HTML 100Page - Texas Instruments TUSB7340 Datasheet HTML 101Page - Texas Instruments TUSB7340 Datasheet HTML 102Page - Texas Instruments TUSB7340 Datasheet HTML 103Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 117 page
background image
JUMPER BETWEEN 1 AND
2 FOR NORMAL
OPERATION.
JUMPER BETWEEN 2 AND
3 FOR WAKE TESTING.
PCIE CEM SPEC MAX VALUES:
PCIE_3P3V: 3 AMPS.
VAUX: 375mA
CAP_US_TXN
CAP_US_TXP
PCIE_PRSNTZ
PCIE_TDITDO
WAKEZ_R
PCIE_3P3V
PCIE_3P3V
BOARD_12V
VAUX
BOARD_3P3V
PCIE_RXP
pg2
PCIE_RXN
pg2
PCIE_REFCLKN
pg2
PCIE_REFCLKP
pg2
WAKEZ
pg2
PERSTZ
pg2
PCIE_TXN
pg2
PCIE_TXP
pg2
Side B
Component Side
Side A
Solder Side
Key
P1
PCI Express x1 Edge Connector
12V1
B1
12V2
B2
12V5
B3
GND1
B4
SMCLK
B5
SMDAT
B6
GND2
B7
3.3V
B8
J_TRST#
B9
3.3Vaux
B10
WAKE#
B11
RSVD2
B12
GND3
B13
PETp0
B14
PETn0
B15
GND4
B16
PRSNT2#
B17
GND5
B18
PRSNT1#
A1
12V3
A2
12V4
A3
GND9
A4
J_TCK
A5
J_TDI
A6
J_TDO
A7
J_TMS
A8
3.3V1
A9
3.3V2
A10
PERST#
A11
GND8
A12
REFCLK+
A13
REFCLK-
A14
GND7
A15
PERp0
A16
PERn0
A17
GND6
A18
J40
HDR1x3
1
2
3
C62
NOPOP
C79
1000pF
+
C80
NOPOP
R50
0
C64
22uF
C67
0.1uF
C63
NOPOP
C68
0.1uF
TUSB7320, TUSB7340
www.ti.com
SLLSE76M – MARCH 2011 – REVISED JULY 2015
8.2.2.3 PCI Express Connector
The PERp and PERn signals must be attached to the coupling capacitor (0.1 µF).
Figure 12. Reference Design 3
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
99
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com