Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7340
Description  USB 3.0 xHCI Host Controller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7340 Datasheet(HTML) 38 Page - Texas Instruments

Back Button TUSB7340 Datasheet HTML 34Page - Texas Instruments TUSB7340 Datasheet HTML 35Page - Texas Instruments TUSB7340 Datasheet HTML 36Page - Texas Instruments TUSB7340 Datasheet HTML 37Page - Texas Instruments TUSB7340 Datasheet HTML 38Page - Texas Instruments TUSB7340 Datasheet HTML 39Page - Texas Instruments TUSB7340 Datasheet HTML 40Page - Texas Instruments TUSB7340 Datasheet HTML 41Page - Texas Instruments TUSB7340 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 117 page
background image
TUSB7320, TUSB7340
SLLSE76M – MARCH 2011 – REVISED JULY 2015
www.ti.com
7.5.1.37 Next Item Pointer Register
The contents of this read-only register indicate the next item in the linked list of capabilities for the TUSB73X0.
This register reads C0h pointing to the MSI-X Capability registers.
PCI register offset: 71h
Register type: Read-only
Default value: C0h
Table 54. PCI Register 71h
Bit No.
7
6
5
4
3
2
1
0
Reset State
1
1
0
0
0
0
0
0
7.5.1.38 PCI Express Capabilities Register
This register indicates the capabilities of the TUSB73X0 related to PCI Express.
PCI register offset: 72h
Register type: Read-only
Default value: 0002h
Table 55. PCI Register 72h
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0
State
Table 56. PCI Express Capabilities Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15:14
RSVD
r
Reserved. Returns zeros when read.
13:9
INT_NUM
r
Interrupt Message Number. This field is used for MSI and MSI-X support.
Slot Implemented. This bit is not valid for the TUSB73X0 and is read only
8
SLOT
r
zero.
Device/Port Type. This read only field returns 0000b indicating that the
7:4
DEV_TYPE
r
device is a PCI Express Endpoint.
Capability Version. This field returns 0010b indicating revision two of the
3:0
VERSION
r
PCI Express capability.
38
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com