Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340 Datasheet(PDF) 61 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7340
Description  USB 3.0 xHCI Host Controller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7340 Datasheet(HTML) 61 Page - Texas Instruments

Back Button TUSB7340 Datasheet HTML 57Page - Texas Instruments TUSB7340 Datasheet HTML 58Page - Texas Instruments TUSB7340 Datasheet HTML 59Page - Texas Instruments TUSB7340 Datasheet HTML 60Page - Texas Instruments TUSB7340 Datasheet HTML 61Page - Texas Instruments TUSB7340 Datasheet HTML 62Page - Texas Instruments TUSB7340 Datasheet HTML 63Page - Texas Instruments TUSB7340 Datasheet HTML 64Page - Texas Instruments TUSB7340 Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 117 page
background image
TUSB7320, TUSB7340
www.ti.com
SLLSE76M – MARCH 2011 – REVISED JULY 2015
7.5.2.3 Next Capability Offset / Capability Version Register
This read-only register identifies the next location in the PCI Express Extended Capabilities link list. The upper 12
bits in this register shall be 150h, indicating that the Device Serial Number Capability starts at offset 150h. The
least significant four bits identify the revision of the current capability block as 2h.
PCI Express Extended Register Offset: 100h
Register type: Read-Only
Default value: 1502h
Table 113. PCI Express Extended Register 102h
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
0
0
0
1
0
1
0
1
0
0
0
0
0
0
1
0
State
7.5.2.4 Uncorrectable Error Status Register
The Uncorrectable Error Status Register reports the status of individual errors as they occur. Software may clear
these bits only by writing a 1 to the desired location.
PCI Express Extended Register Offset: 104h
Register type: Read-Only, Read/Clear
Default value: 0000 0000h
Table 114. PCI Express Extended Register 104h
Bit
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
State
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
State
Table 115. Custom PHY Transmit/Receive Control Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
31:21
RSVD
r
Reserved. Returns zeros when read.
Unsupported Request Error. This bit is asserted when an Unsupported
20
UR_ERROR(1)
rcu
Request is received.
Extended CRC Error. This bit is asserted when an Extended CRC error
19
ECRC_ERROR(1)
rcu
is detected.
18
MAL_TLP(1)
rcu
Malformed TLP. This bit is asserted when a malformed TLP is detected.
Receiver Overflow. This bit is asserted when the flow control logic
17
RX_OVERFLOW(1)
rcu
detects that the transmitting device has illegally exceeded the number of
credits that were issued.
Unexpected Completion. This bit is asserted when a completion packet is
16
UNXP_CPL(1)
rcu
received that does not correspond to an issued request.
Completer Abort. This bit is asserted when the TUSB73X0 signals a
15
CPL_ABORT(1)
rcu
Completer Abort.
Completion Timeout. This bit is asserted when no completion has been
14
CPL_TIMEOUT(1)
rcu
received for an issued request before the timeout period.
Flow Control Error. This bit is asserted when a flow control protocol error
13
FC_ERROR(1)
rcu
is detected either during initialization or during normal operation.
12
PSN_TLP(1)
rcu
Poisoned TLP. This bit is asserted when a poisoned TLP is received.
(1)
This bit is reset by a PCI Express reset (PERST), a GRST, or the internally generated power-on reset.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
61
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com