Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340 Datasheet(PDF) 98 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7340
Description  USB 3.0 xHCI Host Controller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7340 Datasheet(HTML) 98 Page - Texas Instruments

Back Button TUSB7340 Datasheet HTML 94Page - Texas Instruments TUSB7340 Datasheet HTML 95Page - Texas Instruments TUSB7340 Datasheet HTML 96Page - Texas Instruments TUSB7340 Datasheet HTML 97Page - Texas Instruments TUSB7340 Datasheet HTML 98Page - Texas Instruments TUSB7340 Datasheet HTML 99Page - Texas Instruments TUSB7340 Datasheet HTML 100Page - Texas Instruments TUSB7340 Datasheet HTML 101Page - Texas Instruments TUSB7340 Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 117 page
background image
DOWNSTREAM
PORT1
DOWNSTREAM
PORT2
ILIM1
DS1_VBUS
DS2_VBUS
USB_SSRXN_DN1
IND_USB_DP_DN1
DS1_VBUS
USB_SSRXP_DN1
IND_USB_DM_DN1
CAPDSTXP1
CAPDSTXN1
DS_SHLD
IND_DS_TXP1
IND_DS_TXN1
IND_DS_TXN2
CAPDSTXP2
CAPDSTXN2
IND_USB_DP_DN2
DS2_VBUS
USB_SSRXN_DN2
USB_SSRXP_DN2
IND_USB_DM_DN2
IND_DS_TXP2
DS_SHLD
DS_SHLD
BOARD_5V
BOARD_3P3V
PWRON2Z
pg2
PWRON1Z
pg2
OVERCUR1Z
pg2
OVERCUR2Z
pg2
USB_DM_DN1
pg2
USB_SSRXN_DN1
pg2
USB_SSRXP_DN1
pg2
USB_DP_DN1
pg2
USB_SSTXP_DN1
pg2
USB_SSTXN_DN1
pg2
USB_SSTXP_DN2
pg2
USB_SSTXN_DN2
pg2
USB_DM_DN2
pg2
USB_DP_DN2
pg2
USB_SSRXN_DN2
pg2
USB_SSRXP_DN2
pg2
R17
1M
0402
R13
10K
0402
5%
R18
NOPOP
R14
10K
0402
5%
U26
TPD2EUSB30_NF
D+
1
D-
2
GND
3
C48
0.1uF
R15
330
0402
5%
+
C44
150uF
L4
TDK_TCE_1210
1
2
3
4
C41
0.1uF
C47
0.1uF
C43
0.1uF
R20
NOPOP
D1
LED Green 0805
+
C46
150uF
U3
TPS2560DRC
GND
1
IN
2
IN
3
EN1
4
EN2
5
FAULT2Z
6
ILIM
7
OUT2
8
OUT1
9
FAULT1Z
10
PAD
11
C45
0.1uF
R19
30.9K
0402
1%
C42
0.001uF
L7
TDK_TCE_1210
1
2
3
4
R16
330
0402
5%
J4
USB3_TYPEA_CONNECTER
VBUS
1
DM
2
DP
3
GND
4
SSRXN
5
SSRXP
6
GND
7
SSTXN
8
SSTXP
9
SHIELD0
10
SHIELD1
11
C49
0.1uF
C50
0.001uF
C40
0.1uF
D2
LED Green 0805
L5
TDK_TCE_1210
1
2
3
4
MH2
PLATED_MH
1
R21
1M
0402
C39
0.1uF
MH1
PLATED_MH
1
C38
0.1uF
U27
TPD2EUSB30_NF
D+
1
D-
2
GND
3
L2
TDK_TCE_1210
1
2
3
4
J1
USB3_TYPEA_CONNECTER
VBUS
1
DM
2
DP
3
GND
4
SSRXN
5
SSRXP
6
GND
7
SSTXN
8
SSTXP
9
SHIELD0
10
SHIELD1
11
TUSB7320, TUSB7340
SLLSE76M – MARCH 2011 – REVISED JULY 2015
www.ti.com
8.2.2.2 Downstream Ports Implementation
The downstream ports of the TUSB7320 is connected to a USB3 Type A connector.
Figure 11. Reference Design 2
98
Submit Documentation Feedback
Copyright © 2011–2015, Texas Instruments Incorporated
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com