Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TUSB7340 Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB7340
Description  USB 3.0 xHCI Host Controller
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB7340 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TUSB7340 Datasheet HTML 27Page - Texas Instruments TUSB7340 Datasheet HTML 28Page - Texas Instruments TUSB7340 Datasheet HTML 29Page - Texas Instruments TUSB7340 Datasheet HTML 30Page - Texas Instruments TUSB7340 Datasheet HTML 31Page - Texas Instruments TUSB7340 Datasheet HTML 32Page - Texas Instruments TUSB7340 Datasheet HTML 33Page - Texas Instruments TUSB7340 Datasheet HTML 34Page - Texas Instruments TUSB7340 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 117 page
background image
TUSB7320, TUSB7340
www.ti.com
SLLSE76M – MARCH 2011 – REVISED JULY 2015
7.5.1.24 Power Management Capabilities Register
The read-only register indicates the capabilities of the TUSB73X0 related to PCI power management.
PCI register offset: 42h
Register type: Read-only
Default value: xxx3h
Table 35. PCI Register 42h
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
x
1
1
1
1
1
1
x
x
x
0
0
0
0
1
1
State
Table 36. Power Management Capabilities Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
PME# support. This five-bit field indicates the power states from which the
15:11
PME_SUPPORT
r
TUSB73X0 may assert PME#. If the AUX_DET pin is 1, this field is 11111. If
the AUX_DET pin is 0, this field is 01111.
This bit returns a 1 when read, indicating that the function supports the D2
10
D2_SUPPORT
r
device power state.
This bit returns a 1 when read, indicating that the function supports the D1
9
D1_SUPPORT
r
device power state.
3.3 Vaux auxiliary current requirements. If the AUX_DET pin is 1, this field is
8:6
AUX_CURRENT
r
010. IF the AUX_DET pin is 0, this field is 000.
Device Specific Initialization. This bit returns 0 when read, indicating that the
5
DSI
r
TUSB73X0 does not require special initialization beyond the standard PCI
configuration header before a generic class driver is able to use it.
4
RSVD
r
Reserved. Returns zero when read.
3
PME_CLK
r
PME# Clock.
Power Mgmt Version. This field returns 3’b011 indicating Rev 1.2
2:0
PM_VERSION
r
compatibility.
7.5.1.25 Power Management Control/Status Register
This register determines and changes the current power state of the TUSB73X0.
PCI register offset: 44h
Register type: Read/Write, Read-only
Default value: 0008h
Table 37. PCI Register 44h
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
No.
Reset
0
0
0
0
0
0
0
0
0
0
0
0
1
0
0
0
State
Table 38. Power Management Control/Status Register Description
BIT
FIELD NAME
ACCESS
DESCRIPTION
15
PME_STAT
rc
PME# Status. This bit is sticky and is only reset by a Global Reset.
Data Scale. This 2-bit field returns 0’s when read because the
14:13
DATA_SCALE
r
TUSB73X0 does not use the Data Register.
Data Select. This 4-bit field returns 0’s when read because the
12:9
DATA_SEL
r
TUSB73X0 does not use the Data Register.
8
PME_EN
rw
PME# Enable. This bit is sticky and is only reset by a Global Reset.
7:4
RSVD
r
Reserved. Returns zero when read.
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: TUSB7320 TUSB7340



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com